Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3603 Datasheet HTML 1Page - Texas Instruments TLV3603 Datasheet HTML 2Page - Texas Instruments TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator
with 2.5 ns Propagation Delay
1 Features
• Fast propagation delay: 2.5 ns
• Low overdrive dispersion: 600 ps
• High toggle frequency: 325 MHz
• Narrow pulse width detection capability: 1.25 ns
• Push-pull output
• Wide supply range: 2.4 V to 5.5 V
• Input common-mode range extends 200 mV
beyond both rails
• Low input offset voltage: ±5 mV
• Known startup condition at output
• TLV3603 specific features:
– Adjustable hysteresis control pin
– Latch function
• Packages: TLV3601 (5-Pin SC70), TLV3603 (6-Pin
SC70)
• Functional Safety Capable
– Documentation available to aid functional safety
system design [TLV3601-Q1]
– Documentation available to aid functional safety
system design [TLV3603-Q1]
2 Applications
• DC/DC Converter
• Inverter & Motor Control
• Fuel Cell Control Unit (FCCU)
• Battery Management System (BMS)
• Mechanically Scanning LIDAR
• Audio Amplifier
3 Description
The TLV3601-Q1 and TLV3603-Q1 are 325 MHz,
high-speed comparators with rail-to-rail inputs and a
propagation delay of 2.5 ns. The combination of fast
response and wide operating voltage range make the
comparators suitable for narrow signal pulse detection
and data and clock recovery applications in LIDAR,
range finders, and line receivers.
The push-pull (single-ended ) outputs of the TLV3601-
Q1 and TLV3603-Q1 simplify and save cost on
board-to-board wiring for I/O interfaces while reducing
power consumption when compared to alternative
high-speed differential output comparators. They can
directly interface most prevailing digital controllers and
IO expanders in the downstream circuit.
The TLV3601-Q1 is available in tiny 5-pin SC70
package which makes it well suited for space
constrained equipment. TLV3603-Q1 is packaged in
a 6-pin SC70 package and maintains the same speed
and size as TLV3601-Q1 while offering the additional
features of adjustable hysteresis control and output
latch capability.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV3601-Q1
SC70 (5)
1.25 mm × 2.00 mm
SOT-23 (5) (Preview) 2.90 mm x 1.60 mm
TLV3603-Q1
SC70 (6)
1.25 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
+
TDC
V
BIAS
+
LE/HYST
TLV3603
OPA858
V
REF
TLV3603 Application Circuit
+
LE/HYST
TLV3603
+
TLV3601
VEE
VEE
VCC
VCC
Functional Block Diagrams
TLV3601-Q1, TLV3603-Q1
SNOSDC3B – JUNE 2021 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV3603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3603 TI-TLV3603 Datasheet
796Kb / 16P
TLV3601, TLV3603 325MHz High-Speed Comparator with 2.5ns Propagation Delay
TLV3603 TI-TLV3603 Datasheet
2Mb / 29P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3603 TI-TLV3603 Datasheet
2Mb / 32P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3603 TI-TLV3603 Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3603 TI-TLV3603 Datasheet
2Mb / 40P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
More results

Similar Description - TLV3603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3601 TI-TLV3601 Datasheet
796Kb / 16P
TLV3601, TLV3603 325MHz High-Speed Comparator with 2.5ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1 Datasheet
860Kb / 17P
TLV3601-Q1, TLV3603-Q1 325MHz High-Speed Comparator with 2.5ns Propagation Delay
TLV3601 TI-TLV3601_V01 Datasheet
2Mb / 29P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V01 Datasheet
2Mb / 30P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601 TI-TLV3601_V02 Datasheet
2Mb / 32P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601-Q1 TI-TLV3601-Q1_V03 Datasheet
2Mb / 40P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V03 Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V04 Datasheet
2Mb / 41P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED NOVEMBER 2022
TLV3601-Q1 TI-TLV3601-Q1_V04 Datasheet
2Mb / 41P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V05 Datasheet
2Mb / 42P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com