Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 16Page - Texas Instruments TLV3603 Datasheet HTML 17Page - Texas Instruments TLV3603 Datasheet HTML 18Page - Texas Instruments TLV3603 Datasheet HTML 19Page - Texas Instruments TLV3603 Datasheet HTML 20Page - Texas Instruments TLV3603 Datasheet HTML 21Page - Texas Instruments TLV3603 Datasheet HTML 22Page - Texas Instruments TLV3603 Datasheet HTML 23Page - Texas Instruments TLV3603 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
The equivalent resistor networks when the output is high and low are shown in Figure 8-7.
R1
VA = VREF
VO High
VCC
R2
R2
VA = VREF
VO Low
VH
R1
VL
Figure 8-7. Equivalent Resistor Networks for Non-Inverting Configuration with Hysteresis
When VIN is less than VREF, the output is low. For the output to switch from low to high, VIN must rise above the
VH threshold. Use Equation 1 to calculate VH.
VH = (R1 x VREF/R2) + VREF
(1)
When VIN is greater than VREF, the output is high. For the comparator to switch back to a low state, VIN must
drop below the VL threshold. Use Equation 2 to calculate VL.
VL = [VREF (R1 + R2) - VCC x R1] / R2
(2)
The hysteresis of this circuit is the difference between VH and VL, as shown in Equation 3.
ΔVIN = VHYS = (VCC x R1/R2)
(3)
Select a value for R2. Plug in given values for VCC, VREF, VH, and VL . For the given example, R2 = 10 kΩ, and
R1 is solved as 60 Ω.
For more information, please see Application Notes SNOA997 "Inverting Comparator with Hysteresis Circuit",
SBOA313 "Non-Inverting Comparator With Hysteresis Circuit", SBOA219 "Comparator with and without
hysteresis circuit".
8.2.1.3 Application Curve
VIN (V)
Figure 8-8. Hysteresis Transfer Curve using TLV3601/TLV3603
TLV3601-Q1, TLV3603-Q1
SNOSDC3B – JUNE 2021 – REVISED NOVEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV3601-Q1 TLV3603-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com