Electronic Components Datasheet Search
  English  ▼

X  

TPS26613 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS26613
Description  TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS26613 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS26613 Datasheet HTML 28Page - Texas Instruments TPS26613 Datasheet HTML 29Page - Texas Instruments TPS26613 Datasheet HTML 30Page - Texas Instruments TPS26613 Datasheet HTML 31Page - Texas Instruments TPS26613 Datasheet HTML 32Page - Texas Instruments TPS26613 Datasheet HTML 33Page - Texas Instruments TPS26613 Datasheet HTML 34Page - Texas Instruments TPS26613 Datasheet HTML 35Page - Texas Instruments TPS26613 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
VIN = 24 V, COUT = 1 mF
Figure 9-12. TPS26612: Startup of 2-Wire
transmitter with MODE = GND, IOUT = 30 mA
VIN = 24 V, COUT = 1 mF
Figure 9-13. TPS26612: Startup of 2-Wire
transmitter with MODE = Open, IOUT = 60 mA
During the first overload fault, if the junction temperature reaches TSD, the device turns off the internal FETs and
turns on as the junction temperature goes below [TTSD – TTSDHyst].
9.4.2 Protection of 3-Wire Transmitters and Analog Output Modules With TPS26611, TPS26612
IN
OUT
-Vs
+Vs
GND
MODE
SGOOD
EN
TPS26611/12
ANALOG OUTPUT MODULE or 3-Wire Transmitter
24VIN
D1*
TVS3301
or Similar
GND
+
-
R1
GND
OUT
Sense
DAC
Output
DAC
Amplifier
+Vs
-Vs
Diode (D1) is required for Signal line Surge (IEC61000-4-5) protection.
Figure 9-14. Analog Output Protection with TPS26611 or TPS26612
TPS26611 or TPS26612 can be used for protection of the analog output a 3/4-wire transmitter and analog output
module against any high voltage field miswiring as shown in Figure 9-14. The OUT pin voltage is monitored
with respect to the +Vs/–Vs supply voltages. If the OUT voltage goes outside the +Vs/–Vs supply rails, the
FETs cutoff current conduction path and protects the whole system.The voltage at OUT pin of TPS2661x can be
sensed by DAC amplifier to compensate for RON of TPS2661x
TPS2661
SLVSFE3C – NOVEMBER 2020 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com