Electronic Components Datasheet Search
  English  ▼

X  

TPS26613 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS26613
Description  TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS26613 Datasheet(HTML) 2 Page - Texas Instruments

  TPS26613 Datasheet HTML 1Page - Texas Instruments TPS26613 Datasheet HTML 2Page - Texas Instruments TPS26613 Datasheet HTML 3Page - Texas Instruments TPS26613 Datasheet HTML 4Page - Texas Instruments TPS26613 Datasheet HTML 5Page - Texas Instruments TPS26613 Datasheet HTML 6Page - Texas Instruments TPS26613 Datasheet HTML 7Page - Texas Instruments TPS26613 Datasheet HTML 8Page - Texas Instruments TPS26613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Electrical Characteristics.............................................5
7.6 Timing Requirements..................................................7
7.7 Typical Characteristics................................................ 9
8 Detailed Description......................................................13
8.1 Overview................................................................... 13
8.2 Functional Block Diagram......................................... 13
8.3 Feature Description...................................................15
8.4 Device Functional Modes..........................................22
9 Application and Implementation.................................. 26
9.1 Application Information............................................. 26
9.2 Typical Application: Analog Input Protection for
Current Inputs with TPS26610.................................... 26
9.3 Typical Application: Analog Input Protection for
Multiplexed Current and Voltage Inputs with
TPS26611....................................................................29
9.4 System Examples..................................................... 31
10 Power Supply Recommendations..............................35
11 Layout........................................................................... 36
11.1 Layout Guidelines................................................... 36
11.2 Layout Example...................................................... 36
12 Device and Documentation Support..........................37
12.1 Receiving Notification of Documentation Updates..37
12.2 Support Resources................................................. 37
12.3 Trademarks.............................................................37
12.4 Electrostatic Discharge Caution..............................37
12.5 Glossary..................................................................37
13 Mechanical, Packaging, and Orderable
Information.................................................................... 37
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May 2021) to Revision C (December 2021)
Page
• Added TPS26613 and TPS26614 to the data sheet ..........................................................................................1
Changes from Revision A (March 2021) to Revision B (May 2021)
Page
• Removed preview note from TPS26611 and TPS26612 in the Device Information table ................................. 1
TPS2661
SLVSFE3C – NOVEMBER 2020 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS2661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com