Electronic Components Datasheet Search
  English  ▼

X  

TPS26613 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS26613
Description  TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS26613 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS26613 Datasheet HTML 17Page - Texas Instruments TPS26613 Datasheet HTML 18Page - Texas Instruments TPS26613 Datasheet HTML 19Page - Texas Instruments TPS26613 Datasheet HTML 20Page - Texas Instruments TPS26613 Datasheet HTML 21Page - Texas Instruments TPS26613 Datasheet HTML 22Page - Texas Instruments TPS26613 Datasheet HTML 23Page - Texas Instruments TPS26613 Datasheet HTML 24Page - Texas Instruments TPS26613 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
IN
OUT
-Vs
+Vs
GND
MODE
VSNS
TPS26610
TPS26613
R
Burden
I
LOOP
GND
V
OUT = ILOOP X RBurden
R1
I+
I-
Figure 8-18. Supply Sensing With VSNS
+Vs = 15 V, –Vs = –15 V, ROUT = 250 Ω, MODE = GND
Figure 8-19. Transition to Loop Power With R1 = 47
kΩ and R2 = 6.8 kΩ for Supply Sensing
+Vs = 15 V, –Vs = –15 V, ROUT = 250 Ω, MODE = GND
Figure 8-20. Transition to ± Vs Supplies Power with
R1 = 47 kΩ and R2 = 6.8 kΩ for supply Sensing
8.3.6 Enable Control With TPS26611, TPS26612, and TPS26614
TPS26611, TPS26612, and TPS26614 devices feature an EN pin for externally controlling the device through a
GPIO pin. To enable the device, EN pin can be left floating. The pin is internally pulled up with V(EN).
EN can also be made high with external voltage more than V(ENR) but less that or equal to 5 V. The internal FETs
are turned off when EN is pulled below V(ENF). EN pin can source and sink a current of I(EN_LKG). See Electrical
Characteristics for V(ENF), V(ENR) and I(EN_LKG). The EN feature helps the system designer to design universal
voltage and current analog inputs and outputs where a lot of pin multiplexing options are made available to the
end user. For turn-on and turn-off delay with EN pin, see tON_EN_dly and tOFF_EN_dly in Timing Requirements.
Figure 8-22 and Figure 8-23 illustrate the turn-on and turn-off control with enable pin.
www.ti.com
TPS2661
SLVSFE3C – NOVEMBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS2661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com