Electronic Components Datasheet Search
  English  ▼

X  

TPS26613 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS26613
Description  TPS2661x: 50-V, Universal 4??0 mA, 짹20-mA Current Loop Protector With Input and Output Miswiring Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS26613 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS26613 Datasheet HTML 9Page - Texas Instruments TPS26613 Datasheet HTML 10Page - Texas Instruments TPS26613 Datasheet HTML 11Page - Texas Instruments TPS26613 Datasheet HTML 12Page - Texas Instruments TPS26613 Datasheet HTML 13Page - Texas Instruments TPS26613 Datasheet HTML 14Page - Texas Instruments TPS26613 Datasheet HTML 15Page - Texas Instruments TPS26613 Datasheet HTML 16Page - Texas Instruments TPS26613 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
8 Detailed Description
8.1 Overview
The TPS2661x is a family of devices providing complete protection for current inputs, voltage inputs/outputs, and
sensor supply in industrial and process automation systems. The device supports both unipolar 4-mA to 20-mA
current loops and bipolar ±20-mA current loops. The TPS26610 and TPS26613 are tailored for current inputs.
The device can be powered from an external supply and draws < 100-nA maximum current from the current
loop enabling design of high accuracy analog input systems. The devices feature an accurate 32-mA current
limit, which enables using low power components in the loop like the sense resistors, which reduces the overall
system size and cost. The TPS26611 and TPS26614 are specifically tailored for universal current inputs and
voltage/current multiplexed inputs while the TPS26612 is tailored for protection of two wire sensor transmitters.
The TPS2661x devices feature a configurable MODE pin to allow higher current for powering up of a variety
of two wire transmitters. The TPS26611 also has enable control for designing V/I multiplexed analog inputs or
universal analog input-output modules. The device also features a signal-good output to indicate if the there is
a valid current input. The signal good pin goes high in the event of any fault or during start-up of the system if
there is an inrush current. The device also protects the system from output miswiring in analog output modules
or sensor transmitters by cutting off the current path if the OUT pin goes outside the +/–Vs supply rails.
The robust protection of the TPS2661x along with its ±50-V rating helps to simplify the system designs for surge
compliance. The TPS2661x devices are immune to noise tests like electrical fast transients that are common
in industrial applications. These devices also simplify the system design for protection from surge transients
(IEC61000-4-5).
8.2 Functional Block Diagram
MODE
IOL
Timer
Selection
IOL
Threshold
Selection
’
tOL_Expiry
tOL_Pulse_Expiry
tOL_Extend
2 x IOL
IOL
Pass FET Drive
and Control
IN
OUT
+ve IOUT
IOUT
Sense
Ifast-trip
Fast-
trip
IOL
Limiter
-ve IOUT
Vs
Input
UV
+
±
VO/I_UVLO
-Vs
VO/I_UVLO
Output
UV
Output
OV
VOUT_OVLO
V(SNSR)
V(SNSF)
VSNS
+
±
Supply
Sensing
SGOOD
T
SG_Deglitch
RSGOOD
GND
D
TPS26610
Figure 8-1. Functional Block Diagram for TPS26610
www.ti.com
TPS2661
SLVSFE3C – NOVEMBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS2661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com