Electronic Components Datasheet Search
  English  ▼

X  

35FS4500 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 35FS4500
Description  Grade 0 safety power system basis chip with CAN flexible data transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS4500 Datasheet(HTML) 3 Page - NXP Semiconductors

  35FS4500 Datasheet HTML 1Page - NXP Semiconductors 35FS4500 Datasheet HTML 2Page - NXP Semiconductors 35FS4500 Datasheet HTML 3Page - NXP Semiconductors 35FS4500 Datasheet HTML 4Page - NXP Semiconductors 35FS4500 Datasheet HTML 5Page - NXP Semiconductors 35FS4500 Datasheet HTML 6Page - NXP Semiconductors 35FS4500 Datasheet HTML 7Page - NXP Semiconductors 35FS4500 Datasheet HTML 8Page - NXP Semiconductors 35FS4500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NXP Semiconductors
35FS4500, 35FS6500
Grade 0 safety power system basis chip with CAN flexible data transceiver
35FS4500-35FS6500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 15 December 2017
3 / 19
5 Ordering information
5.1 Part numbers definition
MC35FS c 5 x y z AE/R2
Table 1. Part number breakdown
Code Option
Variable
Description
4 series
Linear
c
6 series
VCORE type
DCDC
0
0.5 A or 0.8 A
x
1
VCORE current
1.5 A
0
none
1
FS1B
2
LDT
y
3
Functions
FS1B, LDT
N
none
z
C
Physical interface
CAN FD
5.2 Part numbers list
Table 2. Orderable part variations
Part number
Temperature
(TA)
Package
FS1B
LDT
VCORE VCORE
type
VKAM
on
CAN FD Notes
MC35FS4500CAE
0
0
0.5 A
Linear
by SPI
1
MC35FS4500NAE
0
0
0.5 A
Linear
by SPI
0
MC35FS4501CAE
1
0
0.5 A
Linear
by SPI
1
MC35FS4501NAE
1
0
0.5 A
Linear
by SPI
0
MC35FS4502CAE
0
1
0.5 A
Linear
by SPI
1
MC35FS4502NAE
0
1
0.5 A
Linear
by SPI
0
MC35FS4503CAE
1
1
0.5 A
Linear
by SPI
1
MC35FS4503NAE
–40 °C to 150 °C
48-pin LQFP
exposed pad
1
1
0.5 A
Linear
by SPI
0
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com