Electronic Components Datasheet Search
  English  ▼

X  

35FS4500 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 35FS4500
Description  Grade 0 safety power system basis chip with CAN flexible data transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS4500 Datasheet(HTML) 1 Page - NXP Semiconductors

  35FS4500 Datasheet HTML 1Page - NXP Semiconductors 35FS4500 Datasheet HTML 2Page - NXP Semiconductors 35FS4500 Datasheet HTML 3Page - NXP Semiconductors 35FS4500 Datasheet HTML 4Page - NXP Semiconductors 35FS4500 Datasheet HTML 5Page - NXP Semiconductors 35FS4500 Datasheet HTML 6Page - NXP Semiconductors 35FS4500 Datasheet HTML 7Page - NXP Semiconductors 35FS4500 Datasheet HTML 8Page - NXP Semiconductors 35FS4500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
35FS4500, 35FS6500
Grade 0 safety power system basis chip with CAN flexible
data transceiver
Rev. 1.0 — 15 December 2017
Short data sheet: advance information
1 General description
The 35FS4500/35FS6500 SMARTMOS devices are a multi-output, power supply,
integrated circuit, including CAN Flexible Data (FD) transceiver, dedicated to harsh
automotive and transportation markets requiring high reliability (Grade 0) and high
functional safety (fit for ASIL D) performance.
Multiple switching and linear voltage regulators, including low-power mode (32 μA) are
available with various wake-up capabilities. An advanced power management scheme
is implemented to maintain high efficiency over a wide range of input voltages (down to
2.7 V) and output current ranges (up to 1.5 A).
The 35FS4500/35FS6500 includes configurable fail-safe/fail silent safety behavior and
features, with two fail-safe outputs, becoming a full part of a safety oriented system
partitioning, to reach a high integrity safety level (up to ASIL D).
The built-in CAN FD interface fulfills the ISO 11898-2 and -5 standards.
High temperature capability up to TA = 150 °C and TJ = 175 °C, compliant with AEC-
Q100 Grade 0 automotive qualification.
2 Features
• Battery voltage sensing and MUX output pin
• Highly flexible SMPS pre-regulator, allowing two topologies: non-inverting buck-boost
and standard buck
• 36 V maximum input operating voltage
• Family of devices to supply MCU core from 1.0 V to 5.0 V, with SMPS (0.8 A or 1.5 A)
or LDO (0.5 A)
• Linear voltage regulator dedicated to auxiliary functions, or to sensor supply (VCCA
tracker or independent), 5.0 V or 3.3 V
• Linear voltage regulator dedicated to MCU A/D reference voltage or I/Os supply (VCCA),
5.0 V or 3.3 V
• 3.3 V keep alive memory supply available in low-power mode
• Long duration timer, counting up to 6 months with 1.0 s resolution
• Multiple wake-up sources in low-power mode: CAN, IOs, LDT
• Five configurable I/Os
3 Applications
• TA up to 150 °C and TJ up to 175 °C
• Drive train electrification (BMS, hybrid EV and HEV, inverter, DCDC, alterno starter)
• Drive train - chassis and safety (active suspension, steering, safety domain gateway)
• Power train (EMS, TCU, gear box)


Similar Part No. - 35FS4500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
35FS4500 NXP-35FS4500 Datasheet
1Mb / 139P
Grade 0 safety power system basis chip with CAN FD transceiver
Rev. 3 - 5 August 2024
35FS4500 NXP-35FS4500_V01 Datasheet
1Mb / 139P
Grade 0 safety power system basis chip with CAN FD transceiver
Rev. 3 - 5 August 2024
More results

Similar Description - 35FS4500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
System Basis Chip with High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Infineon Technologies A...
TLE9278BQXV33 INFINEON-TLE9278BQXV33 Datasheet
3Mb / 126P
Multi-CAN Power System Basis Chip
Rev. 1.5 2019-09-27
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com