Electronic Components Datasheet Search
  English  ▼

X  

35FS4500 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 35FS4500
Description  Grade 0 safety power system basis chip with CAN flexible data transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS4500 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 35FS4500 Datasheet HTML 5Page - NXP Semiconductors 35FS4500 Datasheet HTML 6Page - NXP Semiconductors 35FS4500 Datasheet HTML 7Page - NXP Semiconductors 35FS4500 Datasheet HTML 8Page - NXP Semiconductors 35FS4500 Datasheet HTML 9Page - NXP Semiconductors 35FS4500 Datasheet HTML 10Page - NXP Semiconductors 35FS4500 Datasheet HTML 11Page - NXP Semiconductors 35FS4500 Datasheet HTML 12Page - NXP Semiconductors 35FS4500 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NXP Semiconductors
35FS4500, 35FS6500
Grade 0 safety power system basis chip with CAN flexible data transceiver
35FS4500-35FS6500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 15 December 2017
9 / 19
Pin
Symbol
Type
Definition
26
MOSI
D_IN
SPI bus. Master output slave input
27
SCLK
D_IN
SPI Bus. Serial clock
28
NCS
D_IN
Not chip select (active low)
29
INTB
D_OUT
This output pin generates a low pulse when an Interrupt condition occurs.
Pulse duration is configurable. Internal pull-up to VDDIO.
30
VDDIO
A_IN
Input voltage for MISO output buffer
Allows voltage compatibility with MCU I/Os
31
SELECT
D_IN
Hardware selection pin for VAUX and VCCA output voltages
32
FB_CORE
A_IN
VCORE voltage feedback. Input of the error amplifier.
33
COMP_CORE
A_OUT
Compensation network. Output of the error amplifier.
For FS4500 series, this pin must be left open (NC).
34
VCORE_SNS
A_IN
VCORE input voltage sense
SW_CORE
A_OUT
VCORE output switching point for FS6500 series
35
or VCORE
A_OUT
VCORE output voltage for FS4500 series
36
BOOT_CORE
A_IN/OUT
Bootstrap capacitor for VCORE internal NMOS gate drive.
For FS4500 series, this pin must be left open (NC).
37
VPRE
A_IN
VPRE input voltage sense
38
VAUX
A_OUT
VAUX output voltage. External PNP ballast transistor. Collector connection
39
VAUX_B
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Base connection
40
VAUX_E
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Emitter connection
41
VCCA_E
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Emitter connection
42
VCCA_B
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Base connection
43
VCCA
A_OUT
VCCA output voltage. External PNP ballast transistor. Collector connection
44
GATE_LS
A_OUT
Low-side MOSFET gate drive for non-inverting buck-boost configuration
45
DGND
GROUND
Digital ground connection
46
BOOT_PRE
A_IN/OUT
Bootstrap capacitor for the VPRE internal NMOS gate drive
47
SW_PRE2
A_OUT
Second pre-regulator output switching point
48
SW_PRE1
A_OUT
First pre-regulator output switching point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com