Electronic Components Datasheet Search
  English  ▼

X  

35FS4500 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 35FS4500
Description  Grade 0 safety power system basis chip with CAN flexible data transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

35FS4500 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 35FS4500 Datasheet HTML 3Page - NXP Semiconductors 35FS4500 Datasheet HTML 4Page - NXP Semiconductors 35FS4500 Datasheet HTML 5Page - NXP Semiconductors 35FS4500 Datasheet HTML 6Page - NXP Semiconductors 35FS4500 Datasheet HTML 7Page - NXP Semiconductors 35FS4500 Datasheet HTML 8Page - NXP Semiconductors 35FS4500 Datasheet HTML 9Page - NXP Semiconductors 35FS4500 Datasheet HTML 10Page - NXP Semiconductors 35FS4500 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NXP Semiconductors
35FS4500, 35FS6500
Grade 0 safety power system basis chip with CAN flexible data transceiver
35FS4500-35FS6500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 15 December 2017
7 / 19
VSUP1
VSUP2
VSENSE
SELECT
NC
VSUP3
FS1B
GND_COM
CAN_5V
CANH
CANL
IO_4
VCORE
IO_5/VKAM
NC
IO_0
VCORE_SNS
FB_CORE
MISO
NCS
VDDIO
INTB
SCLK
MOSI
1
4
2
3
5
10
6
7
8
9
11
12
36
33
35
34
32
27
31
30
29
28
26
25
Figure 6. 35FS4500 pinout with CAN and FS1B
7.2 Pin description
Table 3.  35FS4500/35FS6500 pin definition
Pin
Symbol
Type
Definition
1
VSUP1
A_IN
Power supply of the device. An external reverse battery protection diode in
series is mandatory.
2
VSUP2
A_IN
Second power supply. Protected by the external reverse battery protection
diode used for VSUP1. VSUP1 and VSUP2 must be connected together
externally.
3
VSENSE
A_IN
Sensing of the battery voltage. Must be connected prior to the reverse battery
protection diode.
4
VSUP3
A_IN
Third power supply dedicated to the device supply. Protected by the external
reverse battery protection diode used for VSUP1. Must be connected
between the reverse protection diode and the input PI filter.
5
FS1B
D_OUT
Second output of the safety block (active low). The pin is asserted low at
start-up and when a fault condition is detected, with a configurable delay or
duration versus FS0B output terminal. Open drain structure.
6
GND_COM
GROUND
Dedicated ground for physical layers
7
CAN_5V
A_OUT
Output voltage for the embedded CAN FD interface
8
CANH
A_IN/OUT
CAN output high. If CAN function is not used, this pin must be left open.
9
CANL
A_IN/OUT
CAN output low. If CAN function is not used, this pin must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com