Electronic Components Datasheet Search
  English  ▼

X  

XC641A Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC641A
Description  CMOS Low Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC641A Datasheet(HTML) 1 Page - Torex Semiconductor

  XC641A Datasheet HTML 1Page - Torex Semiconductor XC641A Datasheet HTML 2Page - Torex Semiconductor XC641A Datasheet HTML 3Page - Torex Semiconductor XC641A Datasheet HTML 4Page - Torex Semiconductor XC641A Datasheet HTML 5Page - Torex Semiconductor XC641A Datasheet HTML 6Page - Torex Semiconductor XC641A Datasheet HTML 7Page - Torex Semiconductor XC641A Datasheet HTML 8Page - Torex Semiconductor XC641A Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VR x 4,VD x 2 Multi Power Supply
Series
649
10
The XC641A series are highly precise, low power consumption, multi
power supply IC s, manufactured using CMOS and laser trimming
technologies. The IC consists of a highly precise reference, 4 voltage
regulators, 2 voltage detectors, and an output control circuit.
Because the regulators can be disabled through the EN pins, in stand-
by, current consumption can be greatly reduced. The minimal input /
output differential supports efficient voltage circuit design. The XC641A
is particularly suitable for use with battery powered equipment where
power supply control is all important.
The series comes in a small TSSOP-16 package.
■General Description
Output Voltage / Detect Voltage Range
: 2V ~ 5V : Selectable in 0.1V
increments ( Semi-Custom )
Highly Accurate
: Setup voltage ±2%
Low power consumption : TYP 25
µA
TYP 6
µA [ When the EN input is
OFF (standard products) ]
Output voltage temperature characteristics
: TYP±100ppm/°C
Small Package
: TSSOP-16
GBattery Operated Power Supply Systems
GMobile Phones, Cordless Phones, and other
Portable Communication Systems.
■Features
■Applications
NCMOS Low Power Consumption
N4 Voltage Regulators and 2 Voltage
Detectors Built-In.
NOutput Control Circuit
NOutput Voltage and Detect Voltage Range
: 2V ~ 5V
NOutput Voltage Accuracy and Detect
Voltage Range: ±2%
N16 Pin TSSOP Package
OUT4
DIN2
CD1
Dout2
Dout1
OUT1
EXT1
VSS
VDD
OUT3
DIN1
EN3
EN2
EN1
OUT2
EXT2
XC641A Series
VCC
I/O
I/O
I/O
/RESET
INT
μP
TRANSMITTER
AUDIO
PERIPHERAL
■Typical Application Circuit
10S_01XC641A 02.09.12 15:36 ページ 649


Similar Part No. - XC641A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC641A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Torex Semiconductor
XC62G TOREX-XC62G Datasheet
425Kb / 11P
CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com