Electronic Components Datasheet Search
  English  ▼

X  

XC641A Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC641A
Description  CMOS Low Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC641A Datasheet(HTML) 5 Page - Torex Semiconductor

  XC641A Datasheet HTML 1Page - Torex Semiconductor XC641A Datasheet HTML 2Page - Torex Semiconductor XC641A Datasheet HTML 3Page - Torex Semiconductor XC641A Datasheet HTML 4Page - Torex Semiconductor XC641A Datasheet HTML 5Page - Torex Semiconductor XC641A Datasheet HTML 6Page - Torex Semiconductor XC641A Datasheet HTML 7Page - Torex Semiconductor XC641A Datasheet HTML 8Page - Torex Semiconductor XC641A Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
XC641A
Series
653
10
■Absolute Maximum Ratings
Ta = 25
° C
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-0.3 ~ +12
V
Output Voltage
VOUT
-0.3 ~ VIN +0.3
V
EXT Pin Voltage
VEXT
-0.3 ~ +12
V
DIN Pin Voltage
VDIN
-0.3 ~ VIN +0.3
V
DOUT Pin Voltage
VDOUT
-0.3 ~ 12
V
CD1 Pin Voltage
VCD1
-0.3 ~ VIN +0.3
V
EN Pin Voltage
VEN
-0.3 ~ VIN +0.3
V
Output Current
IOUT
200
mA
EXT Pin Current
IEXT
50
mA
DOUT Pin Current
IDOUT
20
mA
Pd
350
mW
Pd
630
mW
Operating Ambient Temperature
Topr
-30 ~ +80
°C
Storage Temperature
Tstg
-40 ~ +125
°C
All voltage is ground standardised.
Note :
Please ensure that the sum total of power used within the IC does not exceed the
continuous total power dissipation (Pd) figure.
The figure for total continuous power dissipation ( mounted ) represents the
value when tested on a single sided glass epoxy board of dimensions :
21mm x 32mm ; t = 1.6mm
Power Dissipation
Power Dissipation ( mounted )
■ Electrical Characteristics (XC641A0001V)
Voltage Conditions
CONDITIONS
SYMBOL
VALUE
UNITS
Input Voltage
VINDEF
4.4
V
Set-Up Voltage Table
Ta = 25
° C
CIRCUIT
PARAMETER
SYMBOL
VALUE
UNITS
Voltage Regulator 1
Output Voltage
VOUT(T)
3.0
V
Voltage Regulator 2
Output Voltage
VOUT(T)
3.0
V
Voltage Regulator 3
Output Voltage
VOUT(T)
3.0
V
Voltage Regulator 4
Output Voltage
VOUT(T)
3.0
V
Voltage Detector 1
Detect Voltage
VDF1
3.4
V
Voltage Detector 2
Detect Voltage
VDF2
2.5
V
■Electrical Characteristics (XC641A0001V)
10S_01XC641A 02.09.12 15:36 ページ 653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com