Electronic Components Datasheet Search
  English  ▼

X  

XC641A Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC641A
Description  CMOS Low Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC641A Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC641A Datasheet HTML 9Page - Torex Semiconductor XC641A Datasheet HTML 10Page - Torex Semiconductor XC641A Datasheet HTML 11Page - Torex Semiconductor XC641A Datasheet HTML 12Page - Torex Semiconductor XC641A Datasheet HTML 13Page - Torex Semiconductor XC641A Datasheet HTML 14Page - Torex Semiconductor XC641A Datasheet HTML 15Page - Torex Semiconductor XC641A Datasheet HTML 16Page - Torex Semiconductor XC641A Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XC641A
Series
661
10
VR1 (2.8V)
0
2
4
6
8
10
0246
8
10
2.5
2.6
2.7
2.8
2.9
0
1020
304050
6070
VR3 (2.8V)
2.7
2.8
2.9
3.0
3.1
0
1020
3040
50
VR4 (3.0V)
VR2 (3.0V)
0
2
4
6
8
10
0246
8
10
VR3 (2.8V)
0
2
4
6
8
10
0246
8
10
0
2
4
6
8
10
0246
8
10
VIN=4.0V
VIN=3.8V
Stand-By
(EN1=EN2=EN3=0V)
(3) SUPPLY CURRENT vs. INPUT VOLTAGE
(2) OUTPUT VOLTAGE vs. OUTPUT CURRENT
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Input Voltage:VDD (V)
Input Voltage:VDD (V)
Input Voltage:VDD (V)
Input Voltage:VDD (V)
10S_01XC641A 02.09.12 15:36 ページ 661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com