Electronic Components Datasheet Search
  English  ▼

X  

XC641A Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC641A
Description  CMOS Low Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC641A Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC641A Datasheet HTML 12Page - Torex Semiconductor XC641A Datasheet HTML 13Page - Torex Semiconductor XC641A Datasheet HTML 14Page - Torex Semiconductor XC641A Datasheet HTML 15Page - Torex Semiconductor XC641A Datasheet HTML 16Page - Torex Semiconductor XC641A Datasheet HTML 17Page - Torex Semiconductor XC641A Datasheet HTML 18Page - Torex Semiconductor XC641A Datasheet HTML 19Page - Torex Semiconductor XC641A Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
XC641A
Series
667
10
0
1
2
3
4
5
6
-0.5
0.0
0.5
1.0
VR4 (3.0V)
0
1
2
3
4
5
6
-0.5
0.0
0.5
1.0
VR4 (3.0V)
-10
-5
0
5
10
0
2
4
6
8
VR1 (2.8V)
-10
-5
0
5
10
0
2
4
6
8
VR2 (3.0V)
-10
-5
0
5
10
0
2
4
6
8
VR3 (2.8V)
-10
-5
0
5
10
0
2
4
6
8
VR4 (3.0V)
CL=1
µF(Tantalum),IOUT=10mA
CL=1
µF(Tantalum),IOUT=10mA
CL=10
µF(Tantalum), IOUT=10mA
CL=1
µF(Tantalum),IOUT=10mA
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
Input Voltage
Output Voltage
CL=1
µF(Tantalum), IOUT=1mA
Time (200
µsec/div)
Input Voltage
Output Voltage
CL=10
µF(Tantalum), IOUT=10mA
(15) INPUT TRANSIENT RESPONSE 2
Time (250
µsec/div)
Time (250
µsec/div)
Time (200
µsec/div)
Time (250
µsec/div)
Time (400
µsec/div)
(14) INPUT TRANSIENT RESPONSE 1
10S_01XC641A 02.09.12 15:36 ページ 667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com