Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3757
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LT8357
15
Rev. 0
For more information www.analog.com
Power GOOD (PGOOD) Pin
The LT8357 provides an open-drain status pin, PGOOD,
which is pulled high when the FB pin voltage is within ±8%
(typical) of the 1V regulation voltage. The PGOOD pin is
pulled up by an external resistor to INTVCC or an external
voltage source up to 6V.
Programming the SENSE Pin
For control and protection, the LT8357 measures the
power MOSFET current by using a sense resistor (RSENSE)
from the MOSFET source to GND. Figure 6 shows a typical
waveform of the sense voltage (VSENSE) across the sense
resistor. It is important to use Kelvin traces between the
SENSE pin and RSENSE, and place the IC GND as close
as possible to the GND terminal of RSENSE for proper
operation.
8357 F06
VSENSE(PEAK)
ΔVSENSE = χ • VSENSE(MAX)
VSENSE
t
DTS
VSENSE(MAX)
TS
Figure 6. The Sense Voltage Waveform
Due to the current limit function of the SENSE pin, RSENSE
should be selected to guarantee that the peak switch cur-
rent sense voltage VSENSE(PEAK) in the steady state of
normal operation does not exceed the SENSE maximum
current threshold (60mV typical). Then, the maximum
switch current ripple percentage can be calculated using
the following equation:
χ =
ΔVSENSE
60mV−0.5•ΔVSENSE
χ will be used in the subsequent design examples to cal-
culate inductor value. ΔVSENSE is the ripple voltage across
RSENSE. The final RSENSE value should be lower than the
calculated RSENSE. A 20% to 30% margin is usually recom-
mended. Always choose a low ESL current sense resistor.
APPLICATIONS INFORMATION
The LT8357 uses a time interval close to the minimum
on-time to blank the ringing on the switch current sense
signal immediately after the power MOSFET is turned on.
This ringing is caused by the parasitic inductance and
capacitance of the PCB trace, the sense resistor, the diode,
and the MOSFET. The blanking time interval increases
along with the minimum on-time as the switching fre-
quency decreases. In applications that have very large and
long ringing on the current sense signal, a small RC filter
can be added to filter out the excess ringing.
Soft-Start
As explained in the Operation section, the SS pin can be
used to program the output voltage soft-start by con-
necting an external capacitor from the SS pin to GND.
The internal 15μA (typical) pull-up current charges up the
capacitor, creating a voltage ramp on the SS pin. As the SS
pin voltage rises linearly from 0.25V to 1V (and beyond),
the output voltage rises smoothly into its final voltage
regulation. The soft-start time can be calculated as:
TSS =1V•
CSS
15µA
Make sure the CSS is at least five to ten times larger than
the compensation capacitor on the VC pin for a well-con-
trolled output voltage soft-start. A 22nF ceramic capacitor
is a good starting point.
The SS pin is also used as a fault timer. Once a switch
over current fault is detected, the LT8357 enters a low
duty cycle auto-retry hiccup mode. In this scenario, the
switching is disabled immediately and a 1.5μA (typical)
pull-down current is activated to discharge CSS. Once the
SS pin voltage is discharged below 0.2V, the 15μA pull-up
current charges up the SS pin again. If the switch over
current fault condition has not been removed, then a new
hiccup cycle will be initiated. This will continue until the
fault is removed. Once the switch over current condition
is removed, the output will have a smooth recovery due
to soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com