Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3757
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3757 Datasheet HTML 25Page - Analog Devices LT3757 Datasheet HTML 26Page - Analog Devices LT3757 Datasheet HTML 27Page - Analog Devices LT3757 Datasheet HTML 28Page - Analog Devices LT3757 Datasheet HTML 29Page - Analog Devices LT3757 Datasheet HTML 30Page - Analog Devices LT3757 Datasheet HTML 31Page - Analog Devices LT3757 Datasheet HTML 32Page - Analog Devices LT3757 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LT8357
29
Rev. 0
For more information www.analog.com
10V to 40V Input, 48V/2A Output Boost Converter
Efficiency vs Load Current
TYPICAL APPLICATIONS
4.2µH
100k
10k
D1
M1
3m
1M
21.5k
10nF
0.1µF
350kHz
95.3k
2.2µF
10µF
x3
10uF
x2
5
143k
1M
EN/UVLO
VC
FB
SYNC/MODE
VIN
LT8357
GND
PGOOD
SS
RT
GATEP
GATEN
INTVCC
VIN
10V TO 40V
100V
VOUT
48V
2A
100V
SENSE
INTVCC
L1
L1: WURTH 7443630420
M1: INFINEON BSC094N06LS5
D1: ON SEMI FSV1060V
8357 TA03a
fSW = 350kHz
Burst
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
50
60
70
80
90
100
8357 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com