Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 27 Page - Analog Devices

Part # LT3757
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices LT3757 Datasheet HTML 25Page - Analog Devices LT3757 Datasheet HTML 26Page - Analog Devices LT3757 Datasheet HTML 27Page - Analog Devices LT3757 Datasheet HTML 28Page - Analog Devices LT3757 Datasheet HTML 29Page - Analog Devices LT3757 Datasheet HTML 30Page - Analog Devices LT3757 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LT8357
27
Rev. 0
For more information www.analog.com
• In the boost configuration, the high dI/dT loop
contains the output capacitor, sense resistor,
power MOSFET and output diode.
• In the flyback configuration, the primary-side
high dI/dT loop contains the input capacitor, pri-
mary winding, power MOSFET and sense resistor.
The secondary-side high dI/dT loop contains the
output capacitor, secondary winding and output
diode.
• In the SEPIC configuration, the high dI/dT loop
contains the power MOSFET, sense resistor, output
capacitor, output diode and coupling capacitor.
APPLICATIONS INFORMATION
• Place the sense resistor, RSENSE, close to the SENSE
pin of the IC, and route SENSE and power GND traces
together. Avoid sense lines pass through noisy areas,
such as switch nodes. If a filtering capacitor is used
between SENSE and GND, place it as close as pos-
sible to the IC. Ensure accurate current sensing with
Kelvin connections at the RSENSE resistor. Low ESL
sense resistor is recommended.
• Connect the VC pin compensation network close to
the IC, between VC and the signal ground. The capaci-
tor helps to filter the effects of PCB noise and output
voltage ripple voltage from the compensation loop.
• Connect the INTVCC bypass capacitor, CINTVCC, close
to the IC, between the INTVCC and power GND. This
capacitor carries the MOSFET gate driver’s current
peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com