Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3757
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 2 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LT8357
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO............................................. –0.3V to 60V
SENSE....................................................... –0.3V to 0.3V
INTVCC......................................................... –0.3V to 6V
SYNC/MODE, RT, SS, PGOOD, FB, VC.......... –0.3V to 6V
GATEP, GATEN ................................................... (Note 2)
Operating Junction Temperature Range (Notes 3, 4)
LT8357E ............................................ –40°C to 125°C
LT8357J............................................. –40°C to 150°C
LT8357H............................................ –40°C to 150°C
Storage Temperature Range
MSOP ................................................ –65°C to 150°C
(Note 1)
1
2
3
4
5
6
VC
FB
PGOOD
SS
RT
SYNC/MODE
12
11
10
9
8
7
VIN
EN/UVLO
INTVCC
GATEP
GATEN
SENSE
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VIN Operating Voltage Range
l
3
60
V
VIN Quiescent Current
In Shutdown
In Sleep Mode (Not Switching)
In Active Mode (Not Switching)
VEN/UVLO = 0.3V
VFB = 1.05V, VSYNC/MODE = 0V
VFB = 1.05V, VSYNC/MODE = Float
1.7
8
830
3
20
1200
µA
µA
µA
Logic Input
EN/UVLO Shutdown Threshold
l
0.3
0.6
0.9
V
EN/UVLO Enable Threshold
Rising
l
1.183
1.220
1.257
V
EN/UVLO Enable Hysteresis
42
mV
EN/UVLO Input Bias Current
VEN/UVLO = 60V
-50
50
nA
The l denotes specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 12V, EN/UVLO = 1.5V, CINTVCC = 2.2µF to GND, unless
otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8357EMSE#PBF
LT8357EMSE#TRPBF
8357
12-Lead Plastic MSOP
–40°C to 125°C
LT8357JMSE#PBF
LT8357JMSE#TRPBF
8357
12-Lead Plastic MSOP
–40°C to 150°C
LT8357HMSE#PBF
LT8357HMSE#TRPBF
8357
12-Lead Plastic MSOP
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com