Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8710
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8710 Datasheet HTML 13Page - Analog Devices LT8710 Datasheet HTML 14Page - Analog Devices LT8710 Datasheet HTML 15Page - Analog Devices LT8710 Datasheet HTML 16Page - Analog Devices LT8710 Datasheet HTML 17Page - Analog Devices LT8710 Datasheet HTML 18Page - Analog Devices LT8710 Datasheet HTML 19Page - Analog Devices LT8710 Datasheet HTML 20Page - Analog Devices LT8710 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
LT8357
17
Rev. 0
For more information www.analog.com
The peak and RMS inductor current are:
IL(PEAK) =IL(MAX)•(1+
χ
2
)
IL(RMS) =IL(MAX)• 1+
χ2
12
Based on these equations, the user should choose the
inductors having sufficient saturation and RMS current
ratings.
Set the sense voltage across the sense resistor RSENSE at
IL(PEAK) to be less than the maximum SENSE current limit
threshold of 60mV (typical). The sense resistor value can
then be calculated as:
RSENSE =
60mV
IL(PEAK)
The final RSENSE value should be lower than the calculated
RSENSE. A 20% to 30% margin is usually recommended.
Always choose a low ESL current sense resistor.
Boost Converter: Power MOSFET Selection
Important parameters for the power MOSFET include the
drain-source voltage rating (VDS), the threshold voltage
(VGS(TH)), the on-resistance (RDS(ON)), the gate to source
and gate to drain charges (QGS and QGD), the maximum
drain current (ID(MAX)) and the MOSFET’s thermal resis-
tances (RθJC and RθJA).
The power MOSFET will see full output voltage, plus a
diode forward voltage, and any additional ringing across
its drain-to-source during its off-time. It is recommended
to choose a MOSFET whose breakdown voltage BVDSS is
higher than VOUT by a safety margin (a 10V safety margin
is usually sufficient).
The power dissipated by the MOSFET in a boost converter is:
PFET =I2L(MAX)•RDS(ON)•DMAX +2•V2OUT •IL(MAX)•CRSS•f /1A
The first term in this equation represents the conduction
losses in the device, and the second term represents the
APPLICATIONS INFORMATION
switching loss. CRSS is the reverse transfer capacitance of
the MOSFET. f is the switching frequency. For maximum
efficiency, RDS(ON) and CRSS should be minimized.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
equation:
TJ =TA +PFET •θJA =TA +PFET •(θJC+θCA)
TJ must not exceed the MOSFET maximum junction
temperature rating. It is recommended to measure the
MOSFET temperature in steady state to ensure that abso-
lute maximum ratings are not exceeded.
To achieve 2MHz operation, QG and RDS(ON) of the power
MOSFET must be carefully selected. High performance
power MOSFETs with low QG and low RDS(ON) must be
used. Since the gate drive voltage is set by the 5V INTVCC
supply, logic-level threshold MOSFETs must be used in
LT8357 applications. When switching at high frequency
like 2MHz, the substantial gate charge current from
INTVCC can be estimated as:
IINTVCC = f • QG
Make sure the total required INTVCC current not exceed-
ing the INTVCC current limit in the data sheet. Typically,
MOSFETs with less than 10nC QG are recommended.
Boost Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with low
forward voltage drop and low reverse leakage is desirable.
The peak reverse voltage that the diode must withstand is
equal to the regulator output voltage plus any additional
ringing across its anode-to-cathode during the on-time.
The average forward current in normal operation is equal
to the output current, and the peak current is equal to:
ID(PEAK) =IL(PEAK) =IL(MAX)•(1+
χ
2
)
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT by a safety margin (a 10V
safety margin is usually sufficient).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com