Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8710
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8710 Datasheet HTML 15Page - Analog Devices LT8710 Datasheet HTML 16Page - Analog Devices LT8710 Datasheet HTML 17Page - Analog Devices LT8710 Datasheet HTML 18Page - Analog Devices LT8710 Datasheet HTML 19Page - Analog Devices LT8710 Datasheet HTML 20Page - Analog Devices LT8710 Datasheet HTML 21Page - Analog Devices LT8710 Datasheet HTML 22Page - Analog Devices LT8710 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LT8357
19
Rev. 0
For more information www.analog.com
The RMS input capacitor ripple current for a boost con-
verter is:
IRMS(CIN) = 0.3 • �IL
FLYBACK CONVERTER APPLICATIONS
The LT8357 can be configured as a flyback converter for
the applications where the converters have multiple out-
puts, high output voltages or isolated outputs. Figure 8
shows a simplified flyback converter using LT8357.
D1
M1
LT8357
GND
GATEP
GATEN
VIN
VOUT
SENSE
NP:NS
LS
LP
-
+
VSN
CIN
COUT
RSENSE
RSN
DSN
CSN
SUGGESTED
RCD SNUBBER
-
+
8357 F08
Figure 8. A Simplified Flyback Converter
The flyback converter has a very low part count for mul-
tiple outputs, and with prudent selection of turns ratio,
can have high output/input voltage conversion ratios with
a desirable duty cycle. However, it has low efficiency due
to the high peak currents, high peak voltages and con-
sequent power loss. The flyback converter is commonly
used for an output power of less than 50W.
The flyback converter can be designed to operate either
in continuous or discontinuous mode. Compared to con-
tinuous mode, discontinuous mode has the advantage of
smaller transformer inductance and easier loop compen-
sation, and the disadvantage of higher peak-to-average
current and lower efficiency. In the high output voltage
applications, the flyback converters can be designed
to operate in discontinuous mode to avoid using large
transformers.
APPLICATIONS INFORMATION
Flyback Converter: Switch Duty Cycle and Turns Ratio
The flyback converter conversion ratio in the continuous
mode operation is:
VOUT
VIN
=
NS
NP
•
D
1−D
where NS/NP is the second to primary turns ratio.
Figure 9 shows the waveforms of the flyback converter
in discontinuous mode operation, where VSW, ISW and ID
represent primary switch node voltage, power MOSFET
current and output diode current, respectively. During
each switching period TS, three subintervals occur: DTS,
D2TS, D3TS. During DTS, power MOSFET M1 is on, and
output diode D1 is reverse-biased. During D2TS, M1 is off,
and LS is conducting current. Both LP and LS currents are
zero during D3TS.
8357 F09
ISW
VSW
ID
t
DTS
D2TS
D3TS
ID(MAX)
TS
Figure 9. Waveforms of the Flyback Converter in
Discontinuous Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com