Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8710
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8710 Datasheet HTML 14Page - Analog Devices LT8710 Datasheet HTML 15Page - Analog Devices LT8710 Datasheet HTML 16Page - Analog Devices LT8710 Datasheet HTML 17Page - Analog Devices LT8710 Datasheet HTML 18Page - Analog Devices LT8710 Datasheet HTML 19Page - Analog Devices LT8710 Datasheet HTML 20Page - Analog Devices LT8710 Datasheet HTML 21Page - Analog Devices LT8710 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LT8357
18
Rev. 0
For more information www.analog.com
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA +PD • RθJA
The RθJA to be used in this equation normally includes
the RθJC for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.
TJ must not exceed the diode maximum junction tem-
perature rating.
Boost Converter: Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct output
capacitors for a given output ripple voltage. The effect of
these three parameters (ESR, ESL and bulk C) on the out-
put voltage ripple waveform for a typical boost converter
is illustrated in Figure 7.
VOUT
(AC)
tON
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
8357 F07
tOFF
Figure 7. The Output Voltage Ripple Waveform of a
Boost Converter
The choice of components begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step ΔVESR and the charging/discharg-
ing ΔVCOUT. For the purpose of simplicity, we will choose
2% for the maximum output ripple, to be divided equally
between ΔVESR and ΔVCOUT. This percentage ripple will
change, depending on the requirements of the applica-
tion, and the following equations can easily be modified.
For a 1% contribution to the total ripple voltage, the ESR
of the output capacitor can be determined using the fol-
lowing equation:
ESRCOUT ≤
0.01•VOUT
ID(PEAK)
APPLICATIONS INFORMATION
For the bulk C component, which also contributes 1% to
the total ripple:
COUT ≥
IO(MAX)
0.01•VOUT •f
The output capacitor in a boost regulator experiences
high RMS ripple currents, as shown in Figure 7. The RMS
ripple current rating of the output capacitor can be deter-
mined using the following equation:
IRMS(COUT) ≥IO(MAX)•
DMAX
1−DMAX
Multiple capacitors are often paralleled to meet ESR
requirements. Typically, once the ESR requirement is sat-
isfied, the capacitance is adequate for filtering and has the
required RMS current rating. Additional ceramic capaci-
tors in parallel are commonly used to reduce the effect
of parasitic inductance in the output capacitor. Ceramic
capacitors should be placed from VOUT to GND as close to
the LT8357 pins as possible to suppress high frequency
switching noise on the converter output. X5R or X7R
dielectrics are preferred, as these materials retain their
capacitance over wide voltage and temperature ranges.
Many ceramic capacitors, particularly 0805 or 0603 case
sizes, have greatly reduced capacitance at the desired
operating voltage.
Boost Converter: Input Capacitor Selection
The input capacitor of a boost converter is less critical
than the output capacitor, due to the fact that the inductor
is in series with the input, and the input current waveform
is continuous. The input voltage source impedance deter-
mines the size of the input capacitor, which is typically in
the range of 10μF to 100μF. A low ESR ceramic capacitor
is also recommended, although it is not as critical as for
the output capacitor. Place the ceramic capacitors from
VIN to GND as close to the LT8357 pins as possible to
reduce input ripple voltage. Similar to the output capaci-
tors, X5R or X7R dielectrics and 0805 or 0603 case sizes
are also preferred for the input capacitor selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com