Electronic Components Datasheet Search
  English  ▼

X  

LT8710 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8710
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8710 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8710 Datasheet HTML 16Page - Analog Devices LT8710 Datasheet HTML 17Page - Analog Devices LT8710 Datasheet HTML 18Page - Analog Devices LT8710 Datasheet HTML 19Page - Analog Devices LT8710 Datasheet HTML 20Page - Analog Devices LT8710 Datasheet HTML 21Page - Analog Devices LT8710 Datasheet HTML 22Page - Analog Devices LT8710 Datasheet HTML 23Page - Analog Devices LT8710 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LT8357
20
Rev. 0
For more information www.analog.com
The flyback converter conversion ratio in the discontinu-
ous mode operation is:
VOUT
VIN
=
NS
NP
•
D
D2
According to the preceding equations, the user has rela-
tive freedom in selecting the switch duty cycle or turns
ratio to suit a given application. The selections of the
duty cycle and the turns ratio are somewhat iterative pro-
cesses, due to the number of variables involved. The user
can choose either a duty cycle or a turns ratio as the start
point. The following trade-offs should be considered when
selecting the switch duty cycle or turns ratio, to optimize
the converter performance. A higher duty cycle affects the
flyback converter in the following aspects:
• Lower MOSFET RMS current ISW(RMS), but higher
MOSFET VDS peak voltage
• Lower diode peak reverse voltage, but higher diode
RMS current ID(RMS)
• Higher transformer turns ratio (NP/NS)
The choice,
D
D+D2
=
1
3
(for discontinuous mode operation with a given D3) gives
the power MOSFET the lowest power stress (the prod-
uct of RMS current and peak voltage). However, in the
high output voltage applications, a higher duty cycle may
be adopted to limit the large peak reverse voltage of the
diode. The choice,
D
D+D2
=
2
3
(for discontinuous mode operation with a given D3)
gives the diode the lowest power stress (the product of
RMS current and peak voltage). An extreme high or low
duty cycle results in high power stress on the MOSFET
or diode, and reduces efficiency. It is recommended to
choose a duty cycle, D, between 20% and 80%.
APPLICATIONS INFORMATION
Flyback Converter: Transformer Design for
Discontinuous Mode Operation
The transformer design for discontinuous mode of opera-
tion is chosen as presented here. According to Figure 9,
the minimum D3 (D3MIN) occurs when the converter has
the minimum VIN and the maximum output power (POUT).
Choose D3MIN to be equal to or higher than 10% to guar-
antee the converter is always in discontinuous mode
operation (choosing higher D3 allows the use of lower
inductance, but results in a higher switch peak current).
The user can choose a DMAX as the start point. Then, the
maximum average primary currents can be calculated by
the following equation:
ILP(MAX) =ISW(MAX) =
POUT(MAX)
DMAX •VIN(MIN)•η
where η is the converter efficiency. If the flyback con-
verter has multiple outputs, POUT(MAX) is the sum of all
the output power.
The maximum average secondary current is:
ILS(MAX) =ID(MAX) =
IOUT(MAX)
D2
where:
D2 = 1 – DMAX – D3
The primary and secondary RMS currents are:
ILP(RMS) =2•ILP(MAX)•
DMAX
3
ILS(RMS) =2•ILS(MAX)•
D2
3
According to Figure 9, the primary and secondary peak
currents are:
ILP(PEAK) = ISW(PEAK) = 2 • ILP(MAX)
ILS(PEAK) = ID(PEAK) = 2 • ILS(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com