Electronic Components Datasheet Search
  English  ▼

X  

OP183GSZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP183GSZ1 Datasheet HTML 5Page - Analog Devices OP183GSZ1 Datasheet HTML 6Page - Analog Devices OP183GSZ1 Datasheet HTML 7Page - Analog Devices OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices OP183GSZ1 Datasheet HTML 10Page - Analog Devices OP183GSZ1 Datasheet HTML 11Page - Analog Devices OP183GSZ1 Datasheet HTML 12Page - Analog Devices OP183GSZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OP183
Rev. D | Page 9 of 16
60
40
30
20
10
0
–75
–50
–25
0
25
50
75
TEMPERATURE (°C)
100
125
50
–1SC
+1SC
Figure 14. Short-Circuit Current vs. Temperature @ 5 V
60
40
30
20
10
0
–75
–50
–25
0
25
50
75
TEMPERATURE (°C)
100
125
50
–1SC
+1SC
Figure 15. Short-Circuit Current vs. Temperature @ ±15 V
140
100
60
20
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
120
80
40
0
Figure 16. Common-Mode Rejection vs. Frequency
140
100
60
20
100
1k
10k
100k
1M
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
120
80
40
0
+PSRR
–PSRR
Figure 17. Power Supply Rejection vs. Frequency
80
40
20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
60
30
10
–10
90
50
70
90
0
195
45
–45
TA = 25°C
VS = 3V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 43°
Figure 18. Open-Loop Gain and Phase vs. Frequency @ 3 V
80
40
20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
60
30
10
–10
90
50
70
90
0
195
45
–45
TA = 25°C
VS = 5V
RL = 10kΩ
GAIN
PHASE
PHASE
MARGIN
= 46°
Figure 19. Open-Loop Gain and Phase vs. Frequency @ 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com