Electronic Components Datasheet Search
  English  ▼

X  

OP183GSZ1 Datasheet(PDF) 12 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices OP183GSZ1 Datasheet HTML 10Page - Analog Devices OP183GSZ1 Datasheet HTML 11Page - Analog Devices OP183GSZ1 Datasheet HTML 12Page - Analog Devices OP183GSZ1 Datasheet HTML 13Page - Analog Devices OP183GSZ1 Datasheet HTML 14Page - Analog Devices OP183GSZ1 Datasheet HTML 15Page - Analog Devices OP183GSZ1 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
OP183
Preliminary Technical Data
Rev. D | Page 12 of 16
OP183
VS = ±2.5V
AV = +1
RF = 0
VIN = 1VRMS
80kHz LOW-PASS FILTER
600
Ω
1k
Ω
2k
Ω
5k
Ω
10
Ω
NO
LOAD
0.1
0.010
0.001
0.0005
20
100
1k
10k
20k
FREQUENCY (Hz)
Figure 32. THD + Noise vs. Frequency for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com