Electronic Components Datasheet Search
  English  ▼

X  

OP183GSZ1 Datasheet(PDF) 15 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices OP183GSZ1 Datasheet HTML 10Page - Analog Devices OP183GSZ1 Datasheet HTML 11Page - Analog Devices OP183GSZ1 Datasheet HTML 12Page - Analog Devices OP183GSZ1 Datasheet HTML 13Page - Analog Devices OP183GSZ1 Datasheet HTML 14Page - Analog Devices OP183GSZ1 Datasheet HTML 15Page - Analog Devices OP183GSZ1 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
OP183
Rev. D | Page 15 of 16
LOW VOLTAGE FREQUENCY SYNTHESIZER FOR
WIRELESS TRANSCEIVER
The low noise and low voltage operation capability of the
OP183 serves well for the loop filter of a frequency synthesizer.
Figure 39 shows a typical application in a radio transceiver. The
phase noise performance of the synthesizer depends on low
noise contribution from each component in the loop as the
noise is amplified by the frequency division factor of the
prescaler.
The resistors used in the low-pass filter should be of low to
moderate values to reduce noise contribution due to the input
bias current as well as the resistors themselves. The filter cutoff
frequency should be chosen to optimize the loop constant.
3V
OP183
PHASE
DETECTOR
REFERENCE
OSCILLATOR
CRYSTAL
÷
PRESCALER
RF
OUT
VCONTROL
VCO
900MHz
Figure 39. Low Voltage Frequency Synthesizer for a Wireless Transceiver
7
6
4
1
3
5
2
BA
QB3
QB1
QB2
RB2
RB1
QB4
QB5A
CB1
R10
R3LT
R3AT
R3A
R3B
CC1
R4A
R4B
R11
R4LT
R4AT
QB12
QB13
Q1
Q2
Z1
R1
R2
JB1
QB9
QB10
QB6
RB3
RB4
RB5
RB6
QB7
Q7
Q8
QB8
Q5
QD1
Q6
Q3
Q4
CF1
R5
CC3
QB11
QD2
R9
Q12
CC2
R8
QD3
CO
R7
Q11
Q10
QB14
Figure 40. OP183 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com