Electronic Components Datasheet Search
  English  ▼

X  

OP183GSZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # OP183GSZ1
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GSZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP183GSZ1 Datasheet HTML 7Page - Analog Devices OP183GSZ1 Datasheet HTML 8Page - Analog Devices OP183GSZ1 Datasheet HTML 9Page - Analog Devices OP183GSZ1 Datasheet HTML 10Page - Analog Devices OP183GSZ1 Datasheet HTML 11Page - Analog Devices OP183GSZ1 Datasheet HTML 12Page - Analog Devices OP183GSZ1 Datasheet HTML 13Page - Analog Devices OP183GSZ1 Datasheet HTML 14Page - Analog Devices OP183GSZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP183
Rev. D | Page 11 of 16
90
50
30
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
70
40
20
0
100
60
80
TA = 25°C
VS = ±15V
AV = 10
AV = 1
Figure 29. Small Signal Performance @ ±15 V
Figure 26. Closed-Loop Output Impedance vs. Frequency
NEGATIVE
EDGE
POSITIVE
EDGE
80
70
60
50
40
30
20
10
0
0
100
200
300
CAPACITANCE (pF)
TA = 25°C
VS = 5V
RL = 10kΩ
Figure 30. 0.1 Hz to 10 Hz Noise @ ±2.5 V
Figure 27. Small Signal Overshoot vs. Load Capacitance
Figure 28. Large Signal Performance @ ±15 V
Figure 31. 0.1 Hz to 10 Hz Noise @ ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com