Electronic Components Datasheet Search
  English  ▼

X  

LM27951SD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27951SD
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27951SD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM27951SD Datasheet HTML 1Page - National Semiconductor (TI) LM27951SD Datasheet HTML 2Page - National Semiconductor (TI) LM27951SD Datasheet HTML 3Page - National Semiconductor (TI) LM27951SD Datasheet HTML 4Page - National Semiconductor (TI) LM27951SD Datasheet HTML 5Page - National Semiconductor (TI) LM27951SD Datasheet HTML 6Page - National Semiconductor (TI) LM27951SD Datasheet HTML 7Page - National Semiconductor (TI) LM27951SD Datasheet HTML 8Page - National Semiconductor (TI) LM27951SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics
(Notes 2, 7)
(Continued)
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating junction temperature
range (-40˚C to +85 ˚C). Unless otherwise noted, specifications apply to the LM27951 Typical Application Circuit (pg.1) with V
IN
= 3.6V, V(EN) = 1.8V, V(PWM) = 1.8V, 4 LEDs, V
DX = 3.6V, CIN =COUT = 3.3µF, C1 =C2 = 1µF, RSET = 12.5k
Ω (Note 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
IH
Logic Input High Current
Input Pin: PWM
V(PWM) = 1.8V
10
nA
Input Pin: EN
V(EN) = 1.8V (Note 11)
12
µA
I
IL
Logic Input Low Current
Input Pins: EN, PWM
V(EN, PWM) = 0V
10
nA
R
OUT
Charge Pump Output
Resistance (Note 12)
3.3
Ω
V
GDX
1x to 3/2x Gain Transition
Voltage Threshold on V
DX
V
DX Falling
500
mV
t
ON
Startup Time
I
DX = 90% steady state
330
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150˚C (typ.) and disengages at TJ =
140˚C (typ.).
Note 4: The Human-body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP =115
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP -(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance (
θJA) is taken from a thermal modeling result, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7. The test board is a 4 layer FR-4 board measuring 102mm x 76mm x 1.6mm witha2x1 array of thermal vias. The ground plane on the board
is 50mm x 50mm. Thickness of copper layers are 36µm/18µm /18µm/36µm (1.5oz/1oz/1oz/1.5oz). Ambient temperature in simulation is 22˚C, still air. Power
dissipation is 1W.
The value of
θJA of the LM27951 in LLP-14 could fall in a range as wide as 45oC/W to 150oC/W (if not wider), depending on PWB material, layout, and environmental
conditions. In applications where high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal dissipation issues. For more
information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (LLP) and the Power Efficiency and Power Dissipation
section of this datasheet..
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: CIN,COUT,C1,C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 9: LED Current Matching is based on two calculations: [(IMAX -IAVG)÷IAVG] and [(IAVG -IMIN)÷IAVG]. IMAX and IMIN are the highest and lowest respective
Dx currents, and IAVG is the average Dx current of all four current sources. The largest number of the two calculations (worst case) is considered the matching figure
for the part. The typical specification provided is the most likely norm of the matching figure for all parts.
Note 10: Headroom Voltage = VDX to GND. If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 11: EN Logic Input High Current (IIH) is due to a 150kΩ (typ.) pull-down resistor connected internally between the EN and GND pins.
Note 12: The open loop output resistance (ROUT) models all voltage losses in the charge pump. ROUT can be used to estimate the voltage at the charge pump
output VOUT and the maximum current capability of the device under low VIN and high IOUT conditions, beyond what is specified in the electrical specifications table:
VOUT =(GxVIN)-(ROUT xIOUT). In the equation, G is the charge pump gain mode, and IOUT is the total output current (sum of all active Dx current sources and
all current drawn from VOUT).
Note 13: Turn-on time is measured from when the EN signal is pulled high until the output voltage on VOUT crosses 90% of its final value.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com