Electronic Components Datasheet Search
  English  ▼

X  

LM27951SD Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27951SD
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27951SD Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM27951SD Datasheet HTML 2Page - National Semiconductor (TI) LM27951SD Datasheet HTML 3Page - National Semiconductor (TI) LM27951SD Datasheet HTML 4Page - National Semiconductor (TI) LM27951SD Datasheet HTML 5Page - National Semiconductor (TI) LM27951SD Datasheet HTML 6Page - National Semiconductor (TI) LM27951SD Datasheet HTML 7Page - National Semiconductor (TI) LM27951SD Datasheet HTML 8Page - National Semiconductor (TI) LM27951SD Datasheet HTML 9Page - National Semiconductor (TI) LM27951SD Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Information (Continued)
design using the LM27951: LED current (I
LED), number of
active LEDs (N), LED forward voltage (V
LED), and minimum
input voltage (V
IN-MIN).
The equation below can be used to estimate the total output
current capability of the LM27951:
I
LED_MAX = ((1.5 x VIN)-VLED)/((NxROUT)+kHR) (eq. 1)
I
LED_MAX = ((1.5 x VIN )-VLED) / ((N x 3.3
Ω) + 12mV/mA)
R
OUT – Output resistance. This parameter models the inter-
nal losses of the charge pump that result in voltage droop at
the pump output V
OUT. Since the magnitude of the voltage
droop is proportional to the total output current of the charge
pump, the loss parameter is modeled as a resistance. The
output resistance of the LM27951 is typically 3.3
Ω (V
IN =
3.0V, T
A = 25˚C). In equation form:
V
VOUT =1.5xVIN – NxILED xROUT
(eq. 2)
k
HR – Headroom constant. This parameter models the mini-
mum voltage required across the current sources for proper
regulation. This minimum voltage is proportional to the pro-
grammed LED current, so the constant has units of mV/mA.
The typical k
HR of the LM27951 is 12mV/mA. In equation
form:
(V
VOUT –VLED) > kHR xILED
(eq. 3)
The "I
LED-MAX" equation (eq. 1) is obtained from combining
the R
OUT equation (eq. 2) with the kHR equation (eq. 3) and
solving for I
LED. Maximum LED current is highly dependent
on minimum input voltage and LED forward voltage. Output
current capability can be increased by raising the minimum
input voltage of the application, or by selecting LEDs with a
lower forward voltage. Excessive power dissipation may also
limit output current capability of an application.
CAPACITOR SELECTION
The LM27951 requires 4 external capacitors for proper op-
eration. Surface-mount multi-layer ceramic capacitors are
recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR <20m
Ω
typ.). Tantalum capacitors, OS-CON capacitors, and alumi-
num electrolytic capacitors are not recommended for use
with the LM27951 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R
temperature characteristic are preferred for use with the
LM27951. These capacitors have tight capacitance toler-
ance (as good as ±10%) and hold their value over tempera-
ture (X7R: ±15% over -55˚C to 125˚C; X5R: ±15% over
-55˚C to 85˚C).
Capacitors with Y5V or Z5U temperature characteristic are
generally not recommended for use with the LM27951. Ca-
pacitors with these temperature characteristics typically
have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30˚C
to +85˚C range; Z5U: +22%, -56% over +10˚C to +85˚C
range). Under some conditions, a nominal 1µF Y5V or Z5U
capacitor could have a capacitance of only 0.1µF. Such
detrimental deviation is likely to cause Y5V and Z5U capaci-
tors to fail to meet the minimum capacitance requirements of
the LM27951.
The voltage rating of the output capacitor should be 10V or
more. All other capacitors should have a voltage rating at or
above the maximum input voltage of the application.
PARALLEL DX OUTPUTS FOR INCREASED CURRENT
DRIVE
Outputs D
1-4 may be connected together to drive a one or
two LEDs at higher currents. In a one LED configuration, all
four parallel current sources of equal value are connected
together to drive a single LED. The LED current pro-
grammed should be chosen such that the current provided
from each of the outputs is programmed to 25% of the total
desired LED current. For example, if 60mA is the desired
drive current for the single LED, R
SET should be selected
such that the current out of each current source is 15mA.
Similarly, if two LEDs are to be driven by pairing up the D
1-4
outputs (i.e D
1-2,D3-4), RSET should be selected such that
the current out of each current source output is 50% of the
desired LED current.
Connecting the outputs in parallel does not affect the internal
operation of the LM27951 and has no impact on the Electri-
cal Characteristics and limits previously presented. The
available diode output current, maximum diode voltage, and
all other specifications provided in the Electrical Character-
istics table apply to this parallel output configuration, just as
they do to the standard 4-LED application circuit.
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of
power consumed by the LEDs (P
LED) to the power drawn at
the input of the part (P
IN). With a 1.5x/1x charge pump, the
input current is equal to the charge pump gain times the
output current (total LED current). For a simple approxima-
tion, the current consumed by internal circuitry can be ne-
glected and the efficiency of the LM27951 can be predicted
as follows:
P
LED =NxVLED xILED
P
IN =VIN xIIN
P
IN =VIN x (GainxNxILED +IQ)
E=(P
LED ÷PIN)
Neglecting I
Q will result in a slightly higher efficiency predic-
tion, but this impact will be no more than a few percentage
points when several LEDs are driven at full power. It is also
worth noting that efficiency as defined here is in part depen-
dent on LED voltage. Variation in LED voltage does not
affect power consumed by the circuit and typically does not
relate to the brightness of the LED. For an advanced analy-
sis, it is recommended that power consumed by the circuit
(V
IN xIIN) be evaluated rather than power efficiency.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM27951
when the junction temperature exceeds 150˚C (typ.). This
feature protects the device from being damaged by high die
temperatures that might otherwise result from excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below 140˚C (typ.).
It is important that the board layout provide good thermal
conduction to keep the junction temperature within the speci-
fied operating ratings.
POWER DISSIPATION
The power dissipation (P
DISSIPATION) and junction tempera-
ture (T
J) can be approximated with the equations below. PIN
is the power generated by the 1.5x/1x charge pump, P
LED is
the power consumed by the LEDs, T
Ais the ambient tem-
perature, and
θ
JA is the junction-to-ambient thermal resis-
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com