Electronic Components Datasheet Search
  English  ▼

X  

LM27951SD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27951SD
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27951SD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27951SD Datasheet HTML 2Page - National Semiconductor (TI) LM27951SD Datasheet HTML 3Page - National Semiconductor (TI) LM27951SD Datasheet HTML 4Page - National Semiconductor (TI) LM27951SD Datasheet HTML 5Page - National Semiconductor (TI) LM27951SD Datasheet HTML 6Page - National Semiconductor (TI) LM27951SD Datasheet HTML 7Page - National Semiconductor (TI) LM27951SD Datasheet HTML 8Page - National Semiconductor (TI) LM27951SD Datasheet HTML 9Page - National Semiconductor (TI) LM27951SD Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Information
CIRCUIT DESCRIPTION
The LM27951 is an adaptive 1.5x/1x CMOS charge pump,
optimized for driving white LEDs used in small-format dis-
play backlighting. It provides four constant current outputs
capable of sourcing up to 30mA through each LED. The
well-matched current sources ensure the current through all
the LEDs are virtually identical, providing a uniform bright-
ness across the entire display.
Each current source is internally connected to the charge
pump output, V
OUT. LED drive current is programmed by
connecting a resistor, R
SET, to the current set pin, ISET. LED
brightness is adjusted by applying a Pulse Width Modulated
(PWM) signal to the dedicated PWM input pin.
CHARGE PUMP
The input to the 1.5x/1x charge pump is connected to the V
IN
pin, and the loosely regulated output of the charge pump is
connected to the V
OUT pin. The recommended input voltage
range of the LM27951 is 3.0V to 5.5V. The device’s loosely-
regulated charge pump has both open loop and closed loop
modes of operation. When the device is in open loop, the
voltage at V
OUT is equal to the gain times the voltage at the
input. When the device is in closed loop, the voltage at V
OUT
is loosely regulated to 4.5V (typ.). The charge pump gain
transitions are actively selected to maintain regulation based
on LED forward voltage and load requirements. This allows
the charge pump to stay in the most efficient gain (1x) over
as much of the input voltage range as possible, reducing the
power consumed from the battery.
SOFT START
The LM27951 contains internal soft-start circuitry to limit
input inrush currents when the part is enabled. Soft start is
implemented internally with a controlled turn-on of the inter-
nal voltage reference. Due to the soft-start circuitry, startup
time of the LM27951 is approximately 330µs (typ.).
ENABLE AND PWM PINS
The LM27951 has 2 logic control pins. Both pins are active-
high logic (HIGH = ON). There is an internal pull-down
resistor (150k
Ω typ.) connected between the enable pin (EN)
and GND. There is no pull-up or pull-down connected to the
Pulse Width Modulated (PWM) pin.
The EN pin is the master enable pin for the part. When the
voltage on this pin is low (<0.4V), the part is in shutdown
mode. In this mode, all internal circuitry is OFF and the part
consumes very little supply current (<1µA typ.). When the
voltage on the EN pin is high (>1.0V), the part will activate
the charge pump and regulate the output voltage to its
nominal value.
The PWM pin serves as a dedicated logic input for LED
brightness control. When the voltage on this pin is low
(<0.4V), the current sources will be turned off and no current
will flow through the LEDs. When the voltage on this pin is
high (>1.0V), the currents sources will turn on and regulate
to the current level set by the resistor connected to the I
SET
pin.
SETTING LED CURRENTS
The current through the four LEDs connected to D
1-4 can be
set to a desired level simply by connecting an appropriately
sized resistor (R
SET) between the ISET pin of the LM27951
and GND. The LED currents are proportional to the current
that flows out of the I
SET pin and are a factor of 200 times
greater than the I
SET current. The feedback loop of an inter-
nal amplifier sets the voltage of the I
SET pin to 1.25V (typ.).
The statements above are simplified in the equations below:
I
Dx = 200 x(VSET /RSET)
R
SET = 200 x (1.25V / IDx)
ADJUSTING LED BRIGHTNESS (PWM control)
Perceived LED brightness can be adjusted using a PWM
control signal on the LM27951 PWM logic input pin, turning
the current sources ON and OFF at a rate faster than per-
ceptible by the human eye. When this is done, the total
brightness perceived is proportional to the duty cycle (D) of
the PWM signal (D = the percentage of time that the LED is
on in every PWM cycle). A simple example: if the LEDs are
driven at 15mA each with a PWM signal that has a 50% duty
cycle, perceived LED brightness will be about half as bright
as compared to when the LEDs are driven continuously with
15mA.
The minimum recommended PWM frequency is 100Hz. Fre-
quencies below this may be visible as flicker or blinking. The
maximum recommended PWM frequency is 1kHz. Frequen-
cies above this may cause interference with internal current
driver circuitry and/or noise in the audible range. Due to the
regulation control loop, the maximum frequency and mini-
mum duty cycle applied to the PWM pin should be chosen
such that the minimum ON time is no less than 30µs in
duration. If a PWM signal is applied to the EN pin instead,
the maximum frequency and minimum duty cycle should be
chosen to accommodate both the LM27951 startup time
(330µs typ.) and the 30µs control loop delay.
The preferred method to adjust brightness is to keep the
master EN voltage ON continuously and apply a PWM signal
to the dedicated PWM input pin. The benefit of this type of
connection can be best understood with a contrary example.
When a PWM signal is connected to the master enable (EN)
pin, the charge pump repeatedly turns on and off. Every time
the charge pump turns on, there is an inrush of current as the
capacitors, both internal and external, are recharged. This
inrush current results in a current spike and a voltage dip at
the input of the part. By applying the PWM signal to PWM
logic input pin, the charge pump remains active, resulting in
much lower input noise.
In cases where a PWM signal must be connected to the EN
pin, measures can be taken to reduce the magnitude of the
charge-pump turn-on transient response. More input capaci-
tance, series resistors and/or ferrite beads may provide ben-
efits. If the current spikes and voltage dips can be tolerated,
connecting the PWM signal to the EN pin does provide a
benefit of lower supply current consumption. When the PWM
signal to the EN pin is low, the LM27951 will be shutdown
and input current will only be a few micro-amps. This results
in a lower time-averaged input current than the prior sugges-
tion, where EN is kept on continuously.
MAXIMUM OUTPUT CURRENT, MAXIMUM LED
VOLTAGE, MINIMUM INPUT VOLTAGE
The LM27951 can drive 4 LEDs at 30mA each from an input
voltage as low as 3.0V, so long as the LEDs have a forward
voltage of 3.6V or less (room temperature).
The statement above is a simple example of the LED drive
capabilities of the LM27951. The statement contains key
application parameters required to validate an LED-drive
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com