Electronic Components Datasheet Search
  English  ▼

X  

LM27951SD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27951SD
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27951SD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM27951SD Datasheet HTML 2Page - National Semiconductor (TI) LM27951SD Datasheet HTML 3Page - National Semiconductor (TI) LM27951SD Datasheet HTML 4Page - National Semiconductor (TI) LM27951SD Datasheet HTML 5Page - National Semiconductor (TI) LM27951SD Datasheet HTML 6Page - National Semiconductor (TI) LM27951SD Datasheet HTML 7Page - National Semiconductor (TI) LM27951SD Datasheet HTML 8Page - National Semiconductor (TI) LM27951SD Datasheet HTML 9Page - National Semiconductor (TI) LM27951SD Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, 4 LEDs, VDX = 3.6V,
V
IN = 3.6V, VEN =VIN,VPWM =VIN,C1 =C2 = 1µF, CIN =COUT = 3.3µF. Capacitors are low-ESR multi-layer ceramic capaci-
tors (MLCC’s).
LED Current Regulation vs. Input Voltage
Average LED Current Regulation vs. Input Voltage
20171704
20171706
Converter Efficiency vs. Input Voltage
LED Current vs. R
SET
20171708
20171709
Input and Output Voltage Ripple
Startup Response
20171712
VIN = 3.6V, Load = 15mA/LED, 4 LEDs
CH1 (TOP): VIN; Scale: 20mV/Div, AC Coupled
CH2 (BOTTOM): VOUT; Scale: 20mV/Div, AC Coupled
Time scale: 400ns/Div
20171713
VIN = 3.6V, Load = 20mA/LED, 4 LEDs
CH1 (TOP): VEN; Scale: 1V/Div
CH2 (BOTTOM): VOUT; Scale: 1V/Div
Time scale: 100µs/Div
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com