Electronic Components Datasheet Search
  English  ▼

X  

MAX9290 Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # MAX9290
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9290 Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button MAX9290 Datasheet HTML 84Page - Maxim Integrated Products MAX9290 Datasheet HTML 85Page - Maxim Integrated Products MAX9290 Datasheet HTML 86Page - Maxim Integrated Products MAX9290 Datasheet HTML 87Page - Maxim Integrated Products MAX9290 Datasheet HTML 88Page - Maxim Integrated Products MAX9290 Datasheet HTML 89Page - Maxim Integrated Products MAX9290 Datasheet HTML 90Page - Maxim Integrated Products MAX9290 Datasheet HTML 91Page - Maxim Integrated Products MAX9290 Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 88
Table 25. Register Table
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x00
D[7:1]
SERID
XXXXXXX
Serializer device address (power-up default
value depends on latched address pin level).
XX00XX0
D0
—
0
Reserved
0
0x01
D[7:1]
DESID
XXXXXXX
Deserializer device address (power-up default
value depends on latched address pin level).
XX01XXX
D0
CFGBLOCK
0
Normal operation
0
1
Registers 0x00 to 0x1F and 0x60 to 0x67 are
read only.
0x02
D[7:6]
—
00
Reserved
00
D5
AUDIOMODE
0
WS, SCK configured as output (deserializer-
sourced clock).
0
1
WS, SCK configured as input (system-sourced
clock).
D4
AUDIOEN
0
Disable I2S/TDM channel.
1
1
Enable I2S/TDM channel.
D[3:0]
—
1111
Reserved
1111
0x03
D[7:0]
—
00000000
Reserved
00000000
0x04
D7
LOCKED
0
LOCK output is low.
0
(Read only)
1
LOCK output is high.
D6
—
0
Reserved
0
D5
PRBSEN
0
Disable PRBS test.
0
1
Enable PRBS test.
D4
SLEEP
0
Normal mode (power-up default value depends
on CDS and MS pin value at power-up).
0, 1
1
Activate sleep mode (power-up default value
depends on CDS and MS pin value at power-up).
D[3:2]
INTTYPE
00
Local control channel uses I2C when
I2CSEL = 0.
01
01
Local control channel uses UART when
I2CSEL = 0.
10, 11
Local control channel disabled.
D1
REVCCEN
0
Disable reverse control channel to serializer
(sending).
1
1
Enable reverse control channel to serializer
(sending).
D0
FWDCCEN
0
Disable forward control channel from serializer
(receiving)
1
1
Enable forward control channel from serializer
(receiving).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com