Electronic Components Datasheet Search
  English  ▼

X  

MAX9290 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # MAX9290
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9290 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button MAX9290 Datasheet HTML 93Page - Maxim Integrated Products MAX9290 Datasheet HTML 94Page - Maxim Integrated Products MAX9290 Datasheet HTML 95Page - Maxim Integrated Products MAX9290 Datasheet HTML 96Page - Maxim Integrated Products MAX9290 Datasheet HTML 97Page - Maxim Integrated Products MAX9290 Datasheet HTML 98Page - Maxim Integrated Products MAX9290 Datasheet HTML 99Page - Maxim Integrated Products MAX9290 Datasheet HTML 100Page - Maxim Integrated Products MAX9290 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 97
Table 25. Register Table (continued)
REGISTER
ADDRESS
BITS
NAME
VALUE
FUNCTION
DEFAULT
VALUE
0x64
D[7:6]
THSPREPARE
00
Drive data lane LP00 for 64ns +4UI before
starting HS transmission.
00
01
Drive data lane LP00 for 72ns + 4UI before
starting HS transmission.
1X
Drive data lane LP00 for 80ns + 4UI before
starting HS transmission.
D[5:4]
THSZERO
00
Drive HS0 state for 160ns + 24 - 32UI before
transmitting the sync sequence.
00
01
Drive HS0 state for 176ns + 24 - 32UI before
transmitting the sync sequence.
10
Drive HS0 state for 200ns + 24 - 32UI before
transmitting the sync sequence.
11
Drive HS0 state for 240ns + 24 - 32UI before
transmitting the sync sequence.
D[3:2]
THSTRAIL
00
Drive HSTRAIL state for 64ns + 8UI after the
last payload data bit of a HS transmission burst.
00
01
Drive HSTRAIL state for 80ns + 8UI after the
last payload data bit of a HS transmission burst.
10
Drive HSTRAIL state for 96ns + 8UI after the
last payload data bit of a HS transmission burst.
11
Drive HSTRAIL state for 120ns + 8UI after the
last payload data bit of a HS transmission burst.
D[1:0]
TLPX
00
64ns LPTX period length.
00
01
128ns LPTX period length.
10
192ns LPTX period length.
11
256ns LPTX period length
0x65
D7
—
0
Reserved
0
D6
DESEL
0
Normal DE operation.
0
1
HS input is the DE source.
D[5:4]
DATALANEN
00
Data lane D0 enabled.
01
01
Data lanes D0, D1 enabled.
10
Data lanes D0–D2 enabled.
11
Data lanes D0–D3 enabled.
D[3:0]
—
0111
Reserved
0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com