Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7381
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7381 Datasheet HTML 5Page - Analog Devices AD7381 Datasheet HTML 6Page - Analog Devices AD7381 Datasheet HTML 7Page - Analog Devices AD7381 Datasheet HTML 8Page - Analog Devices AD7381 Datasheet HTML 9Page - Analog Devices AD7381 Datasheet HTML 10Page - Analog Devices AD7381 Datasheet HTML 11Page - Analog Devices AD7381 Datasheet HTML 12Page - Analog Devices AD7381 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Data Sheet
AD7380-4
Rev. 0 | Page 9 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
13
GND
6
7
AIND–
VCC
REGCAP
VLOGIC
GND
AINA+
14
GND
15
DNC
16
GND
17
REFIN
18
CS
8
9
10 11
12
19
20
21
22
23
24
AD7380-4
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED PAD. FOR CORRECT OPERATION OF THE DEVICE
THE EXPOSED PAD MUST BE CONNECTED TO GND.
Figure 9. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 14, 16
GND
Ground Reference Point. These pins are the ground reference points for all circuitry on the device.
2
VLOGIC
Logic Interface Supply Voltage, 1.65 V to 3.6 V. Decouple this pin to GND with a 1 µF capacitor.
3
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this pin to GND with a 1
µF capacitor. The voltage at this pin is 1.9 V typical.
4
VCC
Power Supply Input Voltage. 3.0 V to 3.6 V. Decouple this pin to GND using a 1µF capacitor.
6, 7
AIND−, AIND+
Analog Inputs of ADC D. These analog inputs form a fully differential pair.
8, 9
AINC−, AINC+
Analog Inputs of ADC C. These analog inputs form a fully differential pair.
10, 11
AINB-, AINB+
Analog Inputs of ADC B. These analog inputs form a fully differential pair.
12, 13
AINA−, AINA+
Analog Inputs of ADC A. These analog inputs form a fully differential pair.
15
DNC
Do Not Connect.
17
REFIN
Reference Input. An external reference of 2.5 V to 3.3 V can be input to this pin. Decoupling is required on
this pin. Apply a 1 µF capacitor from this pin to GND.
18
CS
Chip Select Input. Active low, logic input. This input provides the dual function of initiating conversions
on the AD7380-4 and framing the serial data transfer.
19
SDOA
Serial Data Output A. This pin functions as a serial data output pin to access the conversion results and
register contents.
20
SDOB
Serial Data Output B. This pin functions as a serial data output pin to access the conversion results.
21
SDI
Serial Data Input. This input provides the data written to the on-chip control registers.
22
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC.
23
SDOC
Serial Data Output C. This pin functions as a serial data output pin to access the conversion results and
register contents.
24
SDOD/ALERT
Serial Data Output D/Alert Indication Output. This pin can operate as a serial data output pin or alert
indication output.
SDOD. This pin functions as a serial data output pin to access the conversion results.
ALERT. This pin operates as an alert pin going low to indicate that a conversion result has exceeded a
configured threshold.
Not applicable
EPAD
Exposed Pad. For correct operation of the device, the exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com