Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23878BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAQ23878BBCZ
Description  18-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23878BBCZ Datasheet(HTML) 4 Page - Analog Devices

  ADAQ23878BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
ADAQ23878
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 37
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
Common-Mode Rejection Ratio (CMRR),
Input Referred
∆VICM/∆VOSDIFF
All gains
100
dB
Power Supply Rejection Ratio (PSRR)
Positive
VDD = 4.75 V to 5.25 V
All gains
107
dB
Negative
VS+ = +5 V, VS− = −0.75 V to −1.25 V
All gains
105
dB
1/f Noise7
Bandwidth = 0.1 Hz to 10 Hz
9
µV p-p
Input Current Noise
f = 100 kHz
1
pA/√Hz
AC ACCURACY8
Single-ended and differential configuration
Dynamic Range
Input frequency (fIN) = 1 kHz, −60 dB input
89.5
91.5
dB
Total RMS Noise, Referenced to Input (RTI)
All gains
91.6
µVRMS
Input Voltage Noise
All gains
11.28
nV/√Hz
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, −1 dBFS
85.5
dB
Gain = 0.37 and gain = 0.73
91
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
90
dB
fIN = 100 kHz
Gain = 0.37 and gain = 0.73
90.5
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
89.5
dB
fIN = 1MHz
Gain = 0.73
83.2
dB
Gain = 0.87, gain = 1.38, and gain = 2.25
80
dB
Signal-to-Noise-and-Distortion (SINAD)
fIN = 1 kHz
85.4
dB
Gain = 0.37 and gain = 0.87
90.4
dB
Gain = 1.38 and gain = 2.25
88.7
dB
fIN = 100 kHz
Gain = 0.37 and gain = 0.73
89.3
dB
Gain = 0.87 and gain = 1.38
88.4
dB
Gain = 2.25
87.7
dB
fIN = 1MHz
Gain = 0.73
67.7
dB
Gain = 0.87
65.6
dB
Gain = 1.38
63.8
dB
Gain = 2.25
61.7
dB
Total Harmonic Distortion (THD)
fIN = 1 kHz
Gain = 0.37
−109.9
dB
Gain = 0.73, gain = 0.87, and gain = 1.38
−117
dB
Gain = 2.25
−114.3
dB
fIN = 100 kHz
Gain = 0.37
−107.8
dB
Gain = 0.73 and gain = 2.25
−110
dB
Gain = 0.87 and gain = 1.38
−111.4
dB
fIN = 1MHz
Gain = 0.73
−67.9
dB
Gain = 0.87
−65.8
dB
Gain = 1.38
−63.9
dB
Gain = 2.25
−61.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com