Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23878BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADAQ23878BBCZ
Description  18-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23878BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAQ23878BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 13Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 14Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
ADAQ23878
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 37
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
B10
CNV−
DI
Conversion Start LVDS Input. A rising edge on CNV+ puts the internal sample-and-hold in hold mode
and starts a conversion cycle. CNV+ can be also driven with a 2.5 V CMOS signal if CNV− is
connected to GND.
C1, D1
OUT+
AO
Positive Output of the FDA.
C2, C4, E4, H1
VS+
P
FDA and Reference Buffer Positive Supply. The LDO output generating the VS+ supply of µModule
must be bypassed with at least 2.2 μF (0402, X5R) ceramic capacitor to GND.
C3, D3
OUT−
AO
Negative Output of the FDA
C5, J1
VS−
P
FDA Negative Supply. Bypass this pin to GND with an at least 2.2 μF (0402, X5R) ceramic capacitor.
D6
VCMO
AO
FDA Output Common-Mode Voltage. This pin is nominally REFBUF/2.
D10
CLK+
DI
LVDS Clock Input. This pin is an externally applied clock that serially shifts out the conversion result.
E10
CLK−
DI
LVDS Clock Input. This is an externally applied clock that serially shifts out the conversion result.
F1, F2
NC
No Connect.
G10
DCO+
DO
LVDS Data Clock Output. This is an echoed version of CLK+/CLK− that can be used to latch the data
outputs.
H10
DCO−
DO
LVDS Data Clock Output. This is an echoed version of CLK+/CLK− that can be used to latch the data
outputs.
J3, J4
REFBUF
AO
Reference Buffer Output Voltage. As a required component of SAR architecture, a 10 μF ceramic
bypass capacitor is already laid out within the ADAQ23878 between REFBUF and GND. Therefore,
adding a second, smaller capacitor in parallel with the 10 μF capacitor may degrade performance
and is not recommended. The common-mode voltage of VCMO and LVDS pins are derived from the
REFBUF. Therefore, a voltage at REFBUF pin must be stable after the ADAQ23878 is powered on or
exits power-down mode before starting a conversion cycle.
J10
DA+
DO
Serial LVDS Data Output. In one-lane output mode, DB−/DB+ are not used and their LVDS driver is
disabled to reduce power consumption.
K3
REFIN
P
Internal Reference Output/Reference Buffer Input. The output voltage of the internal reference,
nominally 2.048 V, is output on this pin. An external reference can be applied to REFIN if a more
accurate reference is required. If the internal reference buffer is not used, connect REFIN to GND to
power down the buffer and connect an external buffered reference to REFBUF.
K5
PDB_ADC
DI
Digital Input that Enables the Power-Down Mode. When PDB_ADC is low, an internal ADC core enters
power-down mode, and all circuitry (including the LVDS interface) is shutdown. When PDB_ADC is
high, the device operates normally. Logic levels are determined by VIO.
K6
VDD
P
5 V Analog Power Supply. The range of VDD is 4.75 V to 5.25 V. Bypass the VDD pin to GND with an
at least 2.2 μF (0402, X5R) ceramic capacitor.
K7
TESTPAT
DI
Digital Input that Forces the LVDS Data Outputs to be a Test Pattern. When TESTPAT is high,
the digital outputs are test pattern. When TESTPAT is low, the digital outputs are the ADAQ23878
conversion result. Logic levels are determined by VIO.
K8
DB−
DO
Serial LVDS Data Output. In one-lane output mode, DA−/DA+ are not used and their LVDS driver is
disabled to reduce power consumption.
K9
DB+
DO
Serial LVDS Data Outputs. In one-lane output mode, DA−/DA+ are not used and their LVDS driver is
disabled to reduce power consumption.
K10
DA−
DO
Serial LVDS Data Outputs. In one-lane output mode, DB−/DB+ are not used and their LVDS driver is
disabled to reduce power consumption.
1 AI is analog input, AO is analog output, P is power, DI is digital input, NC is no connection, and DO is digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com