Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23878BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAQ23878BBCZ
Description  18-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23878BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAQ23878BBCZ Datasheet HTML 21Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 22Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 23Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 24Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 25Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 26Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 27Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 28Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
ADAQ23878
THEORY OF OPERATION
analog.com
Rev. 0 | 25 of 37
Figure 70. ADAQ23878 µModule Simplified Block Diagram
CIRCUIT INFORMATION
The ADAQ23878 is a precision, high speed, μModule data acquisi-
tion solution that reduces the development cycle of precision meas-
urement systems by transferring the design burden of component
selection, optimization, and layout from the designer to the device.
The ADAQ23878 reduces the end system component count by
combining multiple common signal processing and conditioning
blocks in a single device, including a low noise, fully differential
ADC driver, a stable reference buffer, and a high speed, 18-bit,
15 MSPS SAR ADC. The device also incorporates the Analog
Devices proprietary iPassives technology components necessary
for optimum performance. The superior matching and drift charac-
teristics of the resistors minimizes temperature dependent error
sources.
The ADAQ23878 includes a precision internal 2.048 V reference,
as well as an internal reference buffer. The ADAQ23878 also has
a high speed serial LVDS interface that can output one or two bits
at a time. The fast 15 MSPS throughput with no pipeline latency
makes the ADAQ23878 ideally suited for a wide variety of high
speed applications. The ADAQ23878 dissipates only 143 mW at 15
MSPS.
TRANSFER FUNCTION
The ADAQ23878 μModule digitizes the full-scale voltage of 2×
VREF in to 218 levels, resulting in an LSB size of 31.25 μV with
REFBUF = 4.096 V. The output data is in twos complement format.
The ideal transfer function is shown in Figure 71. The ideal offset
binary transfer function can be obtained from the twos complement
transfer function by inverting the MSB of each output code.
Figure 71. ADAQ23878 Transfer Function (FSR Is Full-Scale Range)
Table 7. Output Codes and Ideal Input Voltages
Description
Inputs Voltages
Digital Output Code
(Twos Complement,
Hex)
FSR − 1 LSB
(131,071 × VREF)/ (131,072 × gain)
0x1FFFF
Midscale + 1 LSB VREF/(131,072 × gain)
0x00001
Midscale
0 V
0x00000
Midscale − 1 LSB −VREF/ (131,072 × gain)
0x3FFFF
−FSR + 1 LSB
−(131,071 × VREF)/ (131,072 × gain) 0x20001
−FSR
−VREF × gain
0x20000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com