Electronic Components Datasheet Search
  English  ▼

X  

ADAQ23878BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAQ23878BBCZ
Description  18-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23878BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAQ23878BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23878BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Data Sheet
ADAQ23878
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 37
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
POWER REQUIREMENTS
VDD
4.75
5
5.25
V
VS+
3
5
VS− + 10
V
VS−
VS+ − 10
0
+0.1
V
VIO
2.375
2.5
2.625
V
Total Standby Current12, 13
Static, all devices enabled
45
52
mA
Static, all devices disabled
0.1
0.4
µA
ADAQ23878 Current Draw
VDD
4.6
5.5
mA
VS+/VS−
4
5.5
mA
VIO
40
42
mA
ADAQ23878 Power Dissipation
VDD = 5 V, VS+ = 5 V, VS− = 0 V
VDD
19
26.25
mW
VS+/VS−
Gain = 0.37
24
28.875
mW
VIO
One-lane mode14
100
110.25
mW
Total
143
165.375
mW
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+85
°C
1 The LSB unit means least significant bit. The weight of the LSB, referred to input, changes depending on the input voltage range.
2 For accurate resistor iPassive value IN2±, gain resistor (RG) = 1.571.4286
3 The differential input ranges, VIN, must be within the allowed input common-mode range as per Figure 61 to Figure 65. VIN is dependent on the VS+/VS− supply rails used.
4 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADAQ23878 running at a throughput rate of 15 MSPS.
5 fS = 15 MHz, and the REFBUF current (IREFBUF) varies linearly with the throughput rate.
6 Transient response is the time required for the ADAQ23878 to acquire a full-scale input step to within ±1 LSB accuracy. Guaranteed by design, not subject to test.
7 See the 1/f noise plot in Figure 66
8 All ac specifications expressed in decibels are referenced to the full-scale input range (FSR) and are tested with an input signal at 1 dB below full scale, unless otherwise
specified.
9 Guaranteed by design, not subject to test.
10 When REFBUF is overdriven, turn off the internal reference buffer by setting REFIN = 0 V. Refer to the Voltage Reference Input section for more information.
11 The VCMO voltage can be used for other circuitry. However, drive the voltage with a buffer to ensure the VCMO voltage remains stable as per the specified range.
12 With all digital inputs forced to VIO or GND, as required.
13 During the acquisition phase.
14 In two-lane mode, the VIO power dissipation is about 10 mW higher than one-lane mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com