Electronic Components Datasheet Search
  English  ▼

X  

TSL237T Datasheet(PDF) 6 Page - ams AG

Part # TSL237T
Description  High-Sensitivity Light-to-Frequency Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL237T Datasheet(HTML) 6 Page - ams AG

Back Button TSL237T Datasheet HTML 2Page - ams AG TSL237T Datasheet HTML 3Page - ams AG TSL237T Datasheet HTML 4Page - ams AG TSL237T Datasheet HTML 5Page - ams AG TSL237T Datasheet HTML 6Page - ams AG TSL237T Datasheet HTML 7Page - ams AG TSL237T Datasheet HTML 8Page - ams AG TSL237T Datasheet HTML 9Page - ams AG TSL237T Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2018-Apr-04
TSL237T − Electrical Characteristics
Figure 8:
Operating Characteristics at VDD = 5V, TA = 25°C, λp = 640nm (unless otherwise noted)
Note(s):
1. Nonlinearity is defined as the deviation of fO from a straight line between zero and full scale, expressed as a percent of full scale.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fO
Output frequency
Ee = 40.4μW/cm
2,
40
50
60
kHz
fD
Dark frequency
Ee = 0μW/cm
2
00.1
Hz
Ee = 0μW/cm
2,
TA = 50°C
02
Hz
Re
Irradiance responsivity
1.2
kHz/
(μW/cm2)
Nonlinearity (1)
fO = 0kHz to 10kHz
±1%
%F.S.
Step response to full-scale
step input
1 pulse of new frequency plus
1μs
Time from OE low to
output enabled
1 period of output frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com