Electronic Components Datasheet Search
  English  ▼

X  

TSL237T Datasheet(PDF) 5 Page - ams AG

Part # TSL237T
Description  High-Sensitivity Light-to-Frequency Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL237T Datasheet(HTML) 5 Page - ams AG

  TSL237T Datasheet HTML 1Page - ams AG TSL237T Datasheet HTML 2Page - ams AG TSL237T Datasheet HTML 3Page - ams AG TSL237T Datasheet HTML 4Page - ams AG TSL237T Datasheet HTML 5Page - ams AG TSL237T Datasheet HTML 6Page - ams AG TSL237T Datasheet HTML 7Page - ams AG TSL237T Datasheet HTML 8Page - ams AG TSL237T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ams Datasheet
Page 5
[v1-01] 2018-Apr-04
Document Feedback
TSL237T − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Figure 7:
Electrical Characteristics at VDD = 5V, TA = 25°C (unless otherwise noted)
Note(s):
1. Full-scale frequency is the maximum operating frequency of the device without saturation.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.7
5
5.5
V
VIH
High-level input voltage
VDD = 5V
4.5
VDD
V
VIL
Low-level input voltage
VDD = 5V
00.5
V
TA
Operating free-air temperature range
-40
85
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
High-level output voltage
IOH = -1mA
44.7
V
VOL
Low-level output voltage
IOL = 1mA
0.1
0.4
V
IDD
Supply current
1.6
3
mA
Full-scale frequency (1)
500
1000
kHz
Temperature coefficient of
output frequency
Wavelength ≤ 600nm,
fO = 50kHz
±200
ppm/°C
kSVS
Supply voltage sensitivity
VDD = 5V ±10%
±0.5
%/V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com