Electronic Components Datasheet Search
  English  ▼

X  

TSL237T Datasheet(PDF) 1 Page - ams AG

Part # TSL237T
Description  High-Sensitivity Light-to-Frequency Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL237T Datasheet(HTML) 1 Page - ams AG

  TSL237T Datasheet HTML 1Page - ams AG TSL237T Datasheet HTML 2Page - ams AG TSL237T Datasheet HTML 3Page - ams AG TSL237T Datasheet HTML 4Page - ams AG TSL237T Datasheet HTML 5Page - ams AG TSL237T Datasheet HTML 6Page - ams AG TSL237T Datasheet HTML 7Page - ams AG TSL237T Datasheet HTML 8Page - ams AG TSL237T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ams Datasheet
Page 1
[v1-01] 2018-Apr-04
Document Feedback
TSL237T
High-Sensitivity Light-to-Frequency
Converter
The TSL237 light-to-frequency converter combines a silicon
photodiode and a current-to-frequency converter on a single
monolithic CMOS integrated circuit. Output is a square wave
(50% duty cycle) with frequency directly proportional to light
intensity (irradiance) on the photodiode. The digital output
allows direct interface to a microcontroller or other logic
circuitry. Output enable (OE) places the output in a
high-impedance state for multiple-unit sharing of a
microcontroller input line. The device has been temperature
compensated for the ultraviolet-to-visible light range of 320nm
to 700nm and responds over the light range of 320nm to
1050nm. The TSL237 is characterized for operation over the
temperature range of -40°C to 85°C and is supplied in a compact
4-lead surface-mount package (T).
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of the TSL237, High Sensitivity
Light-to-Frequency Converter, are listed below:
Figure 1:
Added Value of Using TSL237
• Single-Supply Operation: 2.7V to 5.5V
• Stable 200ppm/°C Temperature Coefficient
• Communicates Directly with a Microcontroller
Benefits
Features
• High-Resolution Conversion of Light Intensity
to Frequency with no External Components
• 5M:1 Input Dynamic Range
• Provides Low Light Level Operation
• Low Dark Frequency of 0.1 Hz (typical), <2Hz at 50°C
• Provides for High Sensitivity to Detect a Small
Change in Light
• High Irradiance Responsivity 1.2kHz/(μW/cm2)
@ λp = 640nm
• Reduces Board Space Requirements while
Simplifying Designs
• 2.6mm x 3.8mm 4-lead SMD (T) Package
General Description


Similar Part No. - TSL237T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
More results

Similar Description - TSL237T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL237 TAOS-TSL237 Datasheet
161Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 TAOS-TSL238 Datasheet
181Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com