Electronic Components Datasheet Search
  English  ▼

X  

TSL237T Datasheet(PDF) 3 Page - ams AG

Part # TSL237T
Description  High-Sensitivity Light-to-Frequency Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL237T Datasheet(HTML) 3 Page - ams AG

  TSL237T Datasheet HTML 1Page - ams AG TSL237T Datasheet HTML 2Page - ams AG TSL237T Datasheet HTML 3Page - ams AG TSL237T Datasheet HTML 4Page - ams AG TSL237T Datasheet HTML 5Page - ams AG TSL237T Datasheet HTML 6Page - ams AG TSL237T Datasheet HTML 7Page - ams AG TSL237T Datasheet HTML 8Page - ams AG TSL237T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ams Datasheet
Page 3
[v1-01] 2018-Apr-04
Document Feedback
TSL237T − Pin Assignments
Figure 3:
Pin Diagram of Package T 4-Lead SMD (Top View)
Figure 4:
Terminal Functions
Terminal
Type
Description
Name
Pin No.
GND
2
Power supply ground (substrate). All voltages are referenced to
GND.
OE
1I
Enable for fO (active low)
OUT
4
O
Output frequency
VDD
3Supply voltage
Pin Assignments
OE 1
GND 2
4 OUT
3 V DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com