Electronic Components Datasheet Search
  English  ▼

X  

1912113 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1912113
Description  Printed-circuit board connector - MSTB 2,5 HC/ 6-STF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1912113 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1912113 Datasheet HTML 1Page - PHOENIX CONTACT 1912113 Datasheet HTML 2Page - PHOENIX CONTACT 1912113 Datasheet HTML 3Page - PHOENIX CONTACT 1912113 Datasheet HTML 4Page - PHOENIX CONTACT 1912113 Datasheet HTML 5Page - PHOENIX CONTACT 1912113 Datasheet HTML 6Page - PHOENIX CONTACT 1912113 Datasheet HTML 7Page - PHOENIX CONTACT 1912113 Datasheet HTML 8Page - PHOENIX CONTACT 1912113 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1912113
02/04/2022   Page 3 / 9
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF - 1912113
Technical data
Material data - housing
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Dimensions for the product
Caption
Schematische Abbildung - weitere Details siehe
Produktfamilienzeichnung im Download Center
Length [ l ]
18.2 mm
Width [ w ]
39.4 mm
Height [ h ]
15 mm
Pitch
5 mm
Height (without solder pin)
15 mm
Packaging information
Type of packaging
packed in cardboard
Pieces per package
50
Denomination packing units
Pcs.
General product information
Type of note
Notes on operation
Note
In accordance with IEC 61984, COMBICON connectors have no
switching power (COC). During designated use, they must not be
plugged in or disconnected when carrying voltage or under load.
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Termination and connection method
Test for conductor damage and slackening
IEC 60999-1:1999-11
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1999-11
Conductor cross section / conductor type / tensile force
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
2.5 mm² / flexible / > 50 N
Mechanical tests according to standard



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com