Electronic Components Datasheet Search
  English  ▼

X  

1912113 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1912113
Description  Printed-circuit board connector - MSTB 2,5 HC/ 6-STF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1912113 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1912113 Datasheet HTML 1Page - PHOENIX CONTACT 1912113 Datasheet HTML 2Page - PHOENIX CONTACT 1912113 Datasheet HTML 3Page - PHOENIX CONTACT 1912113 Datasheet HTML 4Page - PHOENIX CONTACT 1912113 Datasheet HTML 5Page - PHOENIX CONTACT 1912113 Datasheet HTML 6Page - PHOENIX CONTACT 1912113 Datasheet HTML 7Page - PHOENIX CONTACT 1912113 Datasheet HTML 8Page - PHOENIX CONTACT 1912113 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1912113
02/04/2022   Page 7 / 9
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF - 1912113
Approvals
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-60988-B1B2
 
 
Nominal voltage UN
250 V
Nominal current IN
16 A
mm²/AWG/kcmil
0.2-2.5
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931011
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
16 A
10 A
mm²/AWG/kcmil
30-12
30-12
Accessories
Accessories
Bridge
Insertion bridge - EBP 2- 5 - 1733169
Insertion bridge for connectors with 5.0 mm or 5.08 mm pitch
 
 
Coding element
Coding profile - CP-MSTB - 1734634
Coding profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 
Labeled terminal marker



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com