Electronic Components Datasheet Search
  English  ▼

X  

1912113 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 1912113
Description  Printed-circuit board connector - MSTB 2,5 HC/ 6-STF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1912113 Datasheet(HTML) 9 Page - PHOENIX CONTACT

  1912113 Datasheet HTML 1Page - PHOENIX CONTACT 1912113 Datasheet HTML 2Page - PHOENIX CONTACT 1912113 Datasheet HTML 3Page - PHOENIX CONTACT 1912113 Datasheet HTML 4Page - PHOENIX CONTACT 1912113 Datasheet HTML 5Page - PHOENIX CONTACT 1912113 Datasheet HTML 6Page - PHOENIX CONTACT 1912113 Datasheet HTML 7Page - PHOENIX CONTACT 1912113 Datasheet HTML 8Page - PHOENIX CONTACT 1912113 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1912113
02/04/2022   Page 9 / 9
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF - 1912113
Accessories
Printed-circuit board connector - MSTB 2,5 HC/ 6-GF - 1924017
PCB headers, nominal cross section: 2.5 mm², color: green, nominal current: 16 A (see derating curve), rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 6, number of rows: 1,
number of positions: 6, number of connections: 6, product range: MSTB 2,5 HC/..-GF, pitch: 5 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per potential: 1, plug-in system:
POWER COMBICON 2,5, Pin connector pattern alignment: Standard, Locking: Screw locking, mounting: Threaded
flange, type of packaging: packed in cardboard
 
 
PCB header - MSTBV 2,5 HC/ 6-GF - 1924457
PCB headers, nominal cross section: 2.5 mm², color: green, nominal current: 16 A (see derating curve), rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials: 6, number of rows: 1,
number of positions: 6, number of connections: 6, product range: MSTBV 2,5 HC/..-GF, pitch: 5 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system:
POWER COMBICON 2,5, Pin connector pattern alignment: Standard, Locking: Screw locking, mounting: Threaded
flange, type of packaging: packed in cardboard
 
 
Phoenix Contact 2022 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com