Electronic Components Datasheet Search
  English  ▼

X  

1912113 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1912113
Description  Printed-circuit board connector - MSTB 2,5 HC/ 6-STF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1912113 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1912113 Datasheet HTML 1Page - PHOENIX CONTACT 1912113 Datasheet HTML 2Page - PHOENIX CONTACT 1912113 Datasheet HTML 3Page - PHOENIX CONTACT 1912113 Datasheet HTML 4Page - PHOENIX CONTACT 1912113 Datasheet HTML 5Page - PHOENIX CONTACT 1912113 Datasheet HTML 6Page - PHOENIX CONTACT 1912113 Datasheet HTML 7Page - PHOENIX CONTACT 1912113 Datasheet HTML 8Page - PHOENIX CONTACT 1912113 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1912113
02/04/2022   Page 1 / 9
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF - 1912113
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal cross section: 2.5 mm², color: green, nominal current: 16 A (see derating curve),
rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: MSTB 2,5 HC/..-
STF, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in system: POWER
COMBICON 2,5, Locking: Screw locking, mounting: Screw flange, type of packaging: packed in cardboard
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
 Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
 Screwable flange for superior mechanical stability
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4017918191269
Technical data
Item properties
Brief article description
PCB connector
Connector system
POWER COMBICON 2,5
Type of contact
Female connector
Range of articles
MSTB 2,5 HC/..-STF
Pitch
5 mm
Number of positions
6
Drive form screw head
Slotted (L)
Screw thread
M3
Locking
Screw flange
Number of rows
1


Similar Part No. - 1912113

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
191211 ADELS-191211 Datasheet
114Kb / 1P
230 BZ/11
More results

Similar Description - 1912113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786873 PHOENIX-1786873 Datasheet
103Kb / 7P
Printed-circuit board connector - MSTB 2,5/ 6-STF
1779686 PHOENIX-1779686 Datasheet
108Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/ 6-STF
1912087 PHOENIX-1912087 Datasheet
186Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/ 3-STF
1912100 PHOENIX-1912100 Datasheet
186Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/ 5-STF
1912223 PHOENIX-1912223 Datasheet
90Kb / 5P
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF-5,08
1912249 PHOENIX-1912249 Datasheet
189Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/ 8-STF-5,08
1912265 PHOENIX-1912265 Datasheet
189Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/10-STF-5,08
1777354 PHOENIX-1777354 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5 HC/ 3-STF BK
1912155 PHOENIX-1912155 Datasheet
177Kb / 11P
Printed-circuit board connector - MSTB 2,5 HC/10-STF
09/12/2020
1912252 PHOENIX-1912252 Datasheet
177Kb / 11P
Printed-circuit board connector - MSTB 2,5 HC/ 9-STF-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com