Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11167 Datasheet HTML 1Page - Maxim Integrated Products MAX11167 Datasheet HTML 2Page - Maxim Integrated Products MAX11167 Datasheet HTML 3Page - Maxim Integrated Products MAX11167 Datasheet HTML 4Page - Maxim Integrated Products MAX11167 Datasheet HTML 5Page - Maxim Integrated Products MAX11167 Datasheet HTML 6Page - Maxim Integrated Products MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MAX11167
16-Bit, 250ksps, ±5V SAR ADC with Internal
Reference in TDFN
General Description
The MAX11167 16-bit, 250ksps, SAR ADC offers excel-
lent AC and DC performance with true bipolar input range,
small size, and internal reference. The MAX11167 mea-
sures a Q5V (10VP-P) input range while operating from
a single 5V supply. A patented charge-pump architecture
allows direct sampling of high-impedance sources. The
MAX11167 integrates an optional 6.7ppm/NC reference
with internal buffer, saving the cost and space of an exter-
nal reference.
This ADC achieves 93.2dB SNR and -102.5dB THD. The
MAX11167 guarantees 16-bit no-missing codes and Q0.5
LSB INL (typ).
The MAX11167 communicates using an SPI-compatible
serial interface at 2.5V, 3V, 3.3V, or 5V logic. The serial
interface can be used to daisy-chain multiple ADCs in
parallel for multichannel applications and provides a busy
indicator option for simplified system synchronization and
timing.
The MAX11167 is offered in a 12-pin, 3mm x 3mm, TDFN
package and is specified over the -40NC to +85NC tem-
perature range.
Applications
● Data Acquisition Systems
● Industrial Control Systems/Process Control
● Medical Instrumentation
● Automatic Test Equipment
Benefits and Features
● HighDC/ACAccuracyImprovesMeasurement
Quality
• 16-Bit Resolution with No Missing Codes
• 250ksps Throughput Rate Without Pipeline Delay/
Latency
• 93.2dB SNR and -102.5dB THD at 10kHz
• 0.5 LSBRMS Transition Noise
• ±0.2 LSB DNL (typ) and ±0.4 LSB INL (typ)
● HighlyIntegratedADCSavesCostandSpace
• ±6.7ppm/°C Internal Reference
• Internal Reference Buffer
● WideSupplyRangeandLowPowerSimplifyPower-
Supply Design
• 5V Analog Supply
• 2.3V to 5V Digital Supply
• 21.2mW Power Consumption at 250ksps
• 10μAinShutdownMode
● Multi-IndustryStandardSerialInterfaceandSmall
Package Reduce Size
• SPI/QSPI™/MICROWIRE®/DSP-Compatible
Serial Interface
• 3mm x 3mm Tiny 12-Pin TDFN Package
19-6445; Rev 4; 5/15
Typical Operating Circuit
Selector Guide and Ordering Information appear at end of
data sheet.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corporation.
14-Bit to 18-Bit SAR ADC Family
14-BIT
500ksps
16-BIT
250ksps
16-BIT
500ksps
18-BIT
500ksps
±
5V Input
Internal
Reference
—
MAX11167
MAX11169
MAX11166
MAX11168
MAX11156
MAX11158
0 to 5V Input
Internal
Reference
—
MAX11161
MAX11165
MAX11160
MAX11164
MAX11150
MAX11154
0 to 5V Input
External
Reference
MAX11262 MAX11163
MAX11162 MAX11152
EVALUATION KIT AVAILABLE
VOVDD
(2.3V TO 5V)
VDD
(5V)
AIN+
REF
HOST
µC
10µF
4.7nF
MAX11167
INTERNAL
REFERENCE
REF
BUF
GND
16-BIT ADC
AIN-
MAX9632
INTERFACE
AND
CONTROL
CNVST
DOUT
DIN
SCLK
1µF
1µF
±5V
10Ω
0.1µF
AGNDS
REFIO


Similar Part No. - MAX11167

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11167 MAXIM-MAX11167 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11167 MAXIM-MAX11167 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11167ETC+T MAXIM-MAX11167ETC+T Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
More results

Similar Description - MAX11167

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11156 MAXIM-MAX11156 Datasheet
3Mb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
Rev 0; 3/13
MAX11154 MAXIM-MAX11154 Datasheet
1Mb / 28P
18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11161 MAXIM-MAX11161 Datasheet
792Kb / 26P
16-Bit, 250ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11168 MAXIM-MAX11168 Datasheet
918Kb / 27P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
MAX11169 MAXIM-MAX11169 Datasheet
814Kb / 26P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com