Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11167 Datasheet HTML 1Page - Maxim Integrated Products MAX11167 Datasheet HTML 2Page - Maxim Integrated Products MAX11167 Datasheet HTML 3Page - Maxim Integrated Products MAX11167 Datasheet HTML 4Page - Maxim Integrated Products MAX11167 Datasheet HTML 5Page - Maxim Integrated Products MAX11167 Datasheet HTML 6Page - Maxim Integrated Products MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Maxim Integrated │ 3
MAX11167
16-Bit, 250ksps, ±5V SAR ADC
with Internal Reference in TDFN
www.maximintegrated.com
Electrical Characteristics (continued)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 250ksps, VREF = 4.096V; TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Negative Full-Scale Error
-8
+8
LSB
Analog Input CMRR
CMRR
-0.9
LSB/V
Power-Supply Rejection (Note 5)
PSR
-4.6
LSB/V
Transition Noise
0.5
LSBRMS
REFERENCE (Note 7)
REF Output Initial Accuracy
VREF
Reference mode 0
4.092
4.096
4.100
V
REF Output Temperature
Coefficient
TCREF
Reference mode 0
-17
±8.2
+17
ppm/°C
REFIO Output Initial Accuracy
VREFIO
Reference modes 0 and 2
4.092
4.096
4.100
V
REFIO Output Temperature
Coefficient
TCREFIO Reference modes 0 and 2
-15
±6.7
+15
ppm/°C
REFIO Output Impedance
Reference modes 0 and 2
10
kΩ
REFIO Input Voltage Range
Reference mode 1
3
4.096
4.25
V
Reference Buffer Initial Offset
Reference mode 1
-500
+500
µV
Reference Buffer Temperature
Coefficient
Reference mode 1
-14.4
±6.6
+14.4
µV/°C
External Compensation Capacitor
CEXT
Required for reference modes 0 and 1,
recommended for reference modes 2 and 3
10
µF
REF Voltage Input Range
VREF
Reference modes 2 and 3
2.5
4.25
V
REF Input Capacitance
Reference modes 2 and 3
20
pF
REF Load Current
IREF
VREF = 4.096V, reference modes 2 and 3
66
µA
DYNAMIC PERFORMANCE (Note 6)
Signal-to-Noise Ratio (Note 7)
SNR
fIN = 10kHz
VREF = 4.096V, reference
mode 3
91.8
93.2
dB
VREF = 4.096V, reference
mode 1
93.1
VREF = 2.5V, reference
mode 3
90.1
Internal reference,
reference mode 0
93.2
Signal-to-Noise Plus Distortion
(Note 7)
SINAD
fIN = 10kHz
VREF = 4.096V, reference
mode 3
91.0
92.7
dB
VREF = 4.096V, reference
mode 1
92.5
VREF = 2.5V, reference
mode 3
89.9
Internal reference,
reference mode 0
92.7
Spurious-Free Dynamic Range
SFDR
98.8
105.8
dB
Total Harmonic Distortion
THD
-102.5
-96.5
dB
Intermodulation Distortion (Note 8)
IMD
-115.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com