Electronic Components Datasheet Search
  English  ▼

X  

MAX11167 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX11167
Description  16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11167 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX11167 Datasheet HTML 6Page - Maxim Integrated Products MAX11167 Datasheet HTML 7Page - Maxim Integrated Products MAX11167 Datasheet HTML 8Page - Maxim Integrated Products MAX11167 Datasheet HTML 9Page - Maxim Integrated Products MAX11167 Datasheet HTML 10Page - Maxim Integrated Products MAX11167 Datasheet HTML 11Page - Maxim Integrated Products MAX11167 Datasheet HTML 12Page - Maxim Integrated Products MAX11167 Datasheet HTML 13Page - Maxim Integrated Products MAX11167 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Maxim Integrated │ 10
www.maximintegrated.com
MAX11167
16-Bit, 250ksps, ±5V SAR ADC
with Internal Reference in TDFN
(VDD = 5.0V, VOVDD = 3.3V, fSAMPLE = 250ksps; TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD SUPPLY CURRENT
vs. TEMPERATURE
Ref Mode 0 & 1
Ref Mode 2 & 3
AVERAGE OF 128 DEVICES
toc25
2.0
3.0
4.0
5.0
6.0
7.0
8.0
4.75
4.85
4.95
5.05
5.15
5.25
VDD (V)
VDD SUPPLY CURRENT
vs. VDD SUPPLY VOLTAGE
Ref Mode 0 & 1
Ref Mode 2 & 3
AVERAGE OF 128 DEVICES
toc27
0
2
4
6
8
10
-40
-15
10
35
60
85
TEMPERATURE (°C)
VDD AND OVDD SHUTDOWN
CURRENT vs. TEMPERATURE
IVDD
IOVDD
AVERAGE OF 128 DEVICES
toc29
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
OVDD SUPPLY CURRENT
vs. TEMPERATURE
250ksps
10ksps
CDOUT = 65pF
AVERAGE OF 128 DEVICES
toc26
0
1
2
3
4
2.25
2.75
3.25
3.75
4.25
4.75
5.25
VOVDD (V)
OVDD SUPPLY CURRENT
vs. OVDD SUPPLY VOLTAGE
250ksps
10ksps
CDOUT = 65pF
AVERAGE OF 128 DEVICES
toc28
0
2
4
6
8
10
2.25
2.75
3.25
3.75
4.25
4.75
5.25
VDD or VOVDD (V)
VDD AND OVDD SHUTDOWN
CURRENT vs. SUPPLY VOLTAGE
IVDD
IOVDD
AVERAGE OF 128 DEVICES
toc30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com