Electronic Components Datasheet Search
  English  ▼

X  

CMD284 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # CMD284
Description  DC-22 GHz Distributed Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD284 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button CMD284 Datasheet HTML 7Page - Qorvo, Inc CMD284 Datasheet HTML 8Page - Qorvo, Inc CMD284 Datasheet HTML 9Page - Qorvo, Inc CMD284 Datasheet HTML 10Page - Qorvo, Inc CMD284 Datasheet HTML 11Page - Qorvo, Inc CMD284 Datasheet HTML 12Page - Qorvo, Inc CMD284 Datasheet HTML 13Page - Qorvo, Inc CMD284 Datasheet HTML 14Page - Qorvo, Inc CMD284 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CMD284
DC-22 GHz Distributed Amplifier
Data Sheet | August 23, 2021 | Subject to change without notice
12 of 15
www.qorvo.com
®
Applications Information
Assembly Guidelines
The backside of the CMD284 is RF ground. Die attach should be accomplished with electrically and thermally conductive
epoxy only. Eutectic attach is not recommended. Standard assembly procedures should be followed for high frequency
devices. The top surface of the semiconductor should be made planar to the adjacent RF transmission lines, and the RF
decoupling capacitors placed in close proximity to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use of a 0.8 mil
thermosonic wedge bonding is highly recommended as the loop height will be minimized. The RF input and output require
a double bond wire as shown.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet. Do not make
contact directly with the die surface as this will damage the monolithic circuitry. Handle with care.
Assembly Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge.
Proper precautions should be observed during handling, assembly and test.
100 pF BYPASS CAP
(example: Knowles part
D25BN101M1EX-MM)
0.01 uF CAP TO GROUND
(example: Knowles part
V30BZ103M1SX-MM)
0.01 uF CAP TO GROUND
to Vdd
RF out
0.01 uF BYPASS CAP
to Vgg
RF in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com