Electronic Components Datasheet Search
  English  ▼

X  

CMD284 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # CMD284
Description  DC-22 GHz Distributed Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD284 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button CMD284 Datasheet HTML 7Page - Qorvo, Inc CMD284 Datasheet HTML 8Page - Qorvo, Inc CMD284 Datasheet HTML 9Page - Qorvo, Inc CMD284 Datasheet HTML 10Page - Qorvo, Inc CMD284 Datasheet HTML 11Page - Qorvo, Inc CMD284 Datasheet HTML 12Page - Qorvo, Inc CMD284 Datasheet HTML 13Page - Qorvo, Inc CMD284 Datasheet HTML 14Page - Qorvo, Inc CMD284 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CMD284
DC-22 GHz Distributed Amplifier
Data Sheet | August 23, 2021 | Subject to change without notice
14 of 15
www.qorvo.com
®
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1A
ESDA / JEDEC JS-001-2012
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in
Electrical and Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
•
Lead Free
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
SVHC Free
•
PFOS Free
•
Halogen Free
Important Notice
The information contained in this Data Sheet and any associated documents (“Data Sheet Information”) is believed to be
reliable; however, Qorvo makes no warranties regarding the Data Sheet Information and assumes no responsibility or
liability whatsoever for the use of said information. All Data Sheet Information is subject to change without notice.
Customers should obtain and verify the latest relevant Data Sheet Information before placing orders for Qorvo® products.
Data Sheet Information or the use thereof does not grant, explicitly, implicitly or otherwise any rights or licenses to any
third party with respect to patents or any other intellectual property whether with regard to such Data Sheet Information
itself or anything described by such information.
DATA SHEET INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS
DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH
PRODUCTS WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE,
USAGE OF TRADE OR OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND
FITNESS FOR A PARTICULAR PURPOSE. Without limiting the generality of the foregoing, Qorvo® products are not
warranted or authorized for use as critical components in medical, life-saving, or life-sustaining applications, or other
applications where a failure would reasonably be expected to cause severe personal injury or death. Applications
described in the Data Sheet Information are for illustrative purposes only. Customers are responsible for validating that a
particular product described in the Data Sheet Information is suitable for use in a particular application.
© 2020 Qorvo US, Inc. All rights reserved. This document is subject to copyright laws in various jurisdictions worldwide
and may not be reproduced or distributed, in whole or in part, without the express written consent of Qorvo US, Inc. |
QORVO® is a registered trademark of Qorvo US, Inc.
Pb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com